Electronic Components Datasheet Search
  English  ▼

X  

CMF Datasheet(PDF) 2 Page - Frontier Electronics.

Part # CMF
Description  THIN FILM COMMON MODE FILTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CMF Datasheet(HTML) 2 Page - Frontier Electronics.

  CMF Datasheet HTML 1Page - Frontier Electronics. CMF Datasheet HTML 2Page - Frontier Electronics. CMF Datasheet HTML 3Page - Frontier Electronics. CMF Datasheet HTML 4Page - Frontier Electronics. CMF Datasheet HTML 5Page - Frontier Electronics. CMF Datasheet HTML 6Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CMF Series –THIN FILM COMMON MODE FILTERS
Rev. A
D. Part Number:
E. Characteristics:
CMF03G
CMF
03/04
_
G/U/H
XXX
Product Type
Dimension
Impedance
Tolerance
Impedance
03: 03025
04: 0504
G: General
H: High frequency
U: Ultra high frequency
M: ±20%
K: ±10%
350: 35
Ω
650: 65
Ω
900: 90
Ω
Frontier Electronics Corp.
®
Page 2 of 6
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com