Electronic Components Datasheet Search
  English  ▼

X  

AD723 Datasheet(PDF) 2 Page - Analog Devices

Part # AD723
Description  2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD723 Datasheet(HTML) 2 Page - Analog Devices

  AD723_15 Datasheet HTML 1Page - Analog Devices AD723_15 Datasheet HTML 2Page - Analog Devices AD723_15 Datasheet HTML 3Page - Analog Devices AD723_15 Datasheet HTML 4Page - Analog Devices AD723_15 Datasheet HTML 5Page - Analog Devices AD723_15 Datasheet HTML 6Page - Analog Devices AD723_15 Datasheet HTML 7Page - Analog Devices AD723_15 Datasheet HTML 8Page - Analog Devices AD723_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD723–SPECIFICATIONS (V
S = 3, TA = 25 C, using 4FSC synchronous clock unless otherwise noted. Signal
inputs terminated with 75
. Outputs configured in active termination mode, 75
external load.)
Parameter
Conditions
Min
Typ
Max
Unit
SIGNAL INPUTS (RIN, GIN, BIN)
Input Amplitude
Full-Scale
714
mV p-p
Clamp Level
400
mV
Input Resistance
RIN, GIN, BIN
1
M
Ω
Input Capacitance
5pF
TERMINATION SWITCH CHARACTERISTICS
(RT, GT, BT)
Input Capacitance
VIN = 0 V
6
pF
Switch On Resistance
VIN = 0 V
5.2
Ω
LOGIC INPUTS
(STND, SA, CE, TERM, SYNC, 4FSC)
Logic LO Input Voltage
1V
Logic HI Input Voltage
2
V
Logic LO Input Current (DC)
0.015
0.70
µA
Logic HI Input Current (DC)
0.020
0.70
µA
VIDEO OUTPUTS
Luminance (Y)
–3 dB Bandwidth, NTSC Mode
NTSC
4.7
MHz
PAL
6.1
MHz
Gain Error
Direct Input Termination
–6.25
–2.5
+1.5
%
Switch Input Termination
–0.7
%
Gain Nonlinearity
0.3
%
Sync Amplitude
NTSC
218
262
362
mV
PAL
230
277
385
mV
DC Black Level
NTSC
450
mV
PAL
450
mV
Chrominance (C)
Burst Amplitude
NTSC
185
250
315
mV p-p
PAL
190
251
320
mV p-p
Chroma Level Error
1
Switch Input Termination
4
%
Chroma Phase Error
2
±3
Degree
Color Burst Width
NTSC
2.51
µs
PAL
2.26
µs
Chroma/Luma Time Alignment
19
ns
Chroma Feedthrough
RGB = 0
10.5
40
mV p-p
DC Black Level
NTSC
661
mV
PAL
608
mV
Composite (CV)
Gain Error
Direct Input Termination
–6.8
–2.4
+2.5
%
Switch Input Termination
–0.75
%
Gain Error wrt LUMA
Direct Input Termination
0.14
%
Differential Gain Error wrt CRMA
0.9
%
Differential Phase Error wrt CRMA
0.95
Degree
DC Black Level
NTSC
456
mV
PAL
440
mV
Luminance Trap (YTRAP) Output Resistance
1.4
k
Ω
LOGIC OUTPUT (TVDET)
LO Output Voltage
0.02
V
HI Output Voltage
2.98
V
POWER SUPPLIES
Operating Voltage Range
Single Supply
2.7
5.5
V
Current Consumption
Quiescent
No External Loads Present
16
19
mA
Composite Output Connected3
75
Ω Load, Active Termination,
30
39
mA
S-Video Inactive
S-Video Output Connected
3
75
Ω Load, Active Termination,
41
49
mA
Composite Output Inactive
Power-Down Current
0.09
0.7
µA
NOTES
1Difference between ideal and actual color-bar subcarrier amplitudes.
2Difference between ideal and actual color-bar subcarrier phase.
3Current consumption is larger in standard termination mode. Current values shown for 50% average picture level. Larger current consumption possible for other levels.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com