Electronic Components Datasheet Search
  English  ▼

X  

MAX489 Datasheet(PDF) 15 Page - Tiger Electronic Co.,Ltd

Part # MAX489
Description  LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX489 Datasheet(HTML) 15 Page - Tiger Electronic Co.,Ltd

Back Button MAX489 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 17Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 18Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
PART
TEMP. RANGE
PIN-PACKAGE
MAX481
CPA
0°C to +70°C
8 Plastic DIP
MAX481CSA
0°C to +70°C
8 SO
MAX481CUA
0°C to +70°C
8 µMAX
MAX481C/D
0°C to +70°C
Dice*
MAX481EPA
-40°C to +85°C
8 Plastic DIP
MAX481ESA
-40°C to +85°C
8 SO
MAX481MJA
-55°C to +125°C
8 CERDIP
MAX483
CPA
0°C to +70°C
8 Plastic DIP
MAX483CSA
0°C to +70°C
8 SO
MAX483CUA
0°C to +70°C
8 µMAX
MAX483C/D
0°C to +70°C
Dice*
MAX483EPA
-40°C to +85°C
8 Plastic DIP
MAX483ESA
-40°C to +85°C
8 SO
MAX483MJA
-55°C to +125°C
8 CERDIP
MAX485
CPA
0°C to +70°C
8 Plastic DIP
MAX485CSA
0°C to +70°C
8 SO
MAX485CUA
0°C to +70°C
8 µMAX
MAX485C/D
0°C to +70°C
Dice*
MAX485EPA
-40°C to +85°C
8 Plastic DIP
MAX485ESA
-40°C to +85°C
8 SO
MAX485MJA
-55°C to +125°C
8 CERDIP
MAX487
CPA
0°C to +70°C
8 Plastic DIP
MAX487CSA
0°C to +70°C
8 SO
MAX487CUA
0°C to +70°C
8 µMAX
MAX487C/D
0°C to +70°C
Dice*
MAX487EPA
-40°C to +85°C
8 Plastic DIP
MAX487ESA
-40°C to +85°C
8 SO
MAX487MJA
-55°C to +125°C
8 CERDIP
MAX488
CPA
0°C to +70°C
8 Plastic DIP
MAX488CSA
0°C to +70°C
8 SO
MAX488CUA
0°C to +70°C
8 µMAX
MAX488C/D
0°C to +70°C
Dice*
MAX488EPA
-40°C to +85°C
8 Plastic DIP
MAX488ESA
-40°C to +85°C
8 SO
MAX488MJA
-55°C to +125°C
8 CERDIP
MAX489
CPD
0°C to +70°C
14 Plastic DIP
MAX489CSD
0°C to +70°C
14 SO
MAX489C/D
0°C to +70°C
Dice*
MAX489EPD
-40°C to +85°C
14 Plastic DIP
MAX489ESD
-40°C to +85°C
14 SO
MAX489MJD
-55°C to +125°C
14 CERDIP
Ordering Information
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX490
CPA
0°C to +70°C
8 Plastic DIP
MAX490CSA
0°C to +70°C
8 SO
MAX490CUA
0°C to +70°C
8 µMAX
MAX490C/D
0°C to +70°C
Dice*
MAX490EPA
-40°C to +85°C
8 Plastic DIP
MAX490ESA
-40°C to +85°C
8 SO
MAX490MJA
-55°C to +125°C
8 CERDIP
MAX491
CPD
0°C to +70°C
14 Plastic DIP
MAX491CSD
0°C to +70°C
14 SO
MAX491C/D
0°C to +70°C
Dice*
MAX491EPD
-40°C to +85°C
14 Plastic DIP
MAX491ESD
-40°C to +85°C
14 SO
MAX491MJD
-55°C to +125°C
14 CERDIP
MAX1487
CPA
0°C to +70°C
8 Plastic DIP
MAX1487CSA
0°C to +70°C
8 SO
MAX1487CUA
0°C to +70°C
8 µMAX
MAX1487C/D
0°C to +70°C
Dice*
MAX1487EPA
-40°C to +85°C
8 Plastic DIP
MAX1487ESA
-40°C to +85°C
8 SO
MAX1487MJA
-55°C to +125°C
8 CERDIP
* Contact factory for dice specifications.
Chip Topographies
MAX481/MAX483/MAX485/MAX487/MAX1487
V CC
RO
N.C.
N.C.
RE
0.054"
B
DE
DI
A
(1 .372 mm)
GND
0.080"
(2 .032 mm )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com