Electronic Components Datasheet Search
  English  ▼

X  

OP07DD Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # OP07DD
Description  PRECISION OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

OP07DD Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  OP07DD Datasheet HTML 1Page - Tiger Electronic Co.,Ltd OP07DD Datasheet HTML 2Page - Tiger Electronic Co.,Ltd OP07DD Datasheet HTML 3Page - Tiger Electronic Co.,Ltd OP07DD Datasheet HTML 4Page - Tiger Electronic Co.,Ltd OP07DD Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
electrical characteristics at specified free-air temperature, VCC ± = ±15 V (unless otherwise noted)
C
C
±
PAR
AME
TEST CONDITIONS†
TA
OP07C
OP07D
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 0,
RS = 50
25
°C
60
150
60
150
V
0
°C to 70°C
85
250
85
250
VIO
Temperature coefficient of input offset
VO = 0,
RS = 50
0
°C to 70°C
0.5
1.8
0.7
2.5
V/
°C
Long-term drift of input offset voltage
See Note 6
0.4
0.5
V/mo
Offset adjustment range
RS = 20 k ,
See Figure 1
25
°C
±4
±4
mV
IIO
Input offset current
25
°C
0.8
6
0.8
6
nA
0
°C to 70°C
1.6
8
1.6
8
IIO
Temperature coefficient of input offset current
0
°C to 70°C
12
50
12
50
pA/
°C
IIB
Input bias current
25
°C
± 1.8
±7
± 2
±12
nA
0
°C to 70°C
± 2.2
±9
± 3
±14
IIB
Temperature coefficient of input bias current
0
°C to 70°C
18
50
18
50
pA/
°C
VICR
Common-mode input voltge range
25
°C
± 13
±14
±13
± 14
V
0
°C to 70°C
± 13 ± 13.5
±13 ± 13.5
VOM
Peak output voltage
RL ε 10 k
25
°C
± 12
±13
±12
± 13
V
RL ε 2 k
±11.5 ± 12.8
±11.5 ± 12.8
RL ε 1 k
±12
±12
RL ε 2 k
0
°C to 70°C
±11 ± 12.6
±11 ± 12.6
AVD
Large-signal differential voltage amplification
VCC
± = ± 3 V,
VO = ± 0.5 V,
RL ε 500 k
25
°C
100
400
400
V/mV
VO = ± 10 V,
RL = 2 k
25
°C
120
400
120
400
0
°C to 70°C
100
400
100
400
B1
Unity-gain bandwidth
25
°C
0.4
0.6
0.4
0.6
MHz
ri
Input resistance
25
°C
8
33
7
31
M
CMRR
Common-mode rejection ratio
VIC = ± 13 V,
RS = 50
25
°C
100
120
94
110
dB
0
°C to 70°C
97
120
94
106
kSVS
Supply voltage sensitivity ( VIO/ VCC)
VCC
± = ± 3 V to ±18 V,
RS = 50
25
°C
7
32
7
32
V/V
0
°C to 70°C
10
51
10
51
PD
Power dissipation
VO = 0,
No load
25
°C
80
150
80
150
mW
VCC
± = ± 3 V,
VO = 0,
No load
4
8
4
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com