Electronic Components Datasheet Search
  English  ▼

X  

IDT7MP4045 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7MP4045
Description  256K x 32 CMOS STATIC RAM MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7MP4045 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7MP4045 Datasheet HTML 1Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 2Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 3Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 4Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 5Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 6Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 7Page - Integrated Device Technology IDT7MP4045 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IDT7MP4045/7MP4145
256K x 32 CMOS STATIC RAM MODULE
COMMERCIAL TEMPERATURE RANGE
15.2
2
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Commercial
0
°C to +70°C
0V
5.0V
± 10%
2703 tbl 04
CAPACITANCE (TA = +25
°C, F = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN(C)
Input Capacitance
V(IN) = 0V
20
pF
(
CS)
CIN(A)
Input Capacitance
V(IN) = 0V
70
pF
(Address & Control)
CI/O
I/O Capacitance
V(OUT) = 0V
12
pF
NOTE:
2703 tbl 02
1. This parameter is guaranteed by design but not tested.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
—
6.0
V
VIL
Input Low Voltage
–0.5
(1)
—
0.8
V
NOTE:
2703 tbl 03
1. VIL (min) = –1.5V for pulse width less than 10ns.
TRUTH TABLE
Mode
CS
CS OE
OE WE
WE
Output
Power
Standby
H
X
X
High-Z
Standby
Read
L
L
H
DATAOUT
Active
Write
L
X
L
DATAIN
Active
Read
L
H
H
High-Z
Active
2703 tbl 05
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Value
Unit
VTERM
Terminal Voltage with
–0.5 to +7.0
V
Respect to GND
TA
Operating Temperature
0 to +70
°C
TBIAS
Temperature Under Bias
–10 to +85
°C
TSTG
Storage Temperature
–55 to +125
°C
IOUT
DC Output Current
50
mA
NOTE:
2703 tbl 06
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
PIN CONFIGURATION – 7MP4145(1)
SIMM
TOP VIEW
NOTE:
1. Pins 3,4,6,and 7 (PD0-3) are read by the user to determine the density of
the module. If PD0, PD1 read GND and PD2, PD3 read OPEN, then the
module has a 256K depth.
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
51
53
55
57
59
61
63
65
67
69
71
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
62
64
66
68
70
72
NC
PD2
GND
PD1
I/O8
I/O9
I/O10
I/O11
A0
A1
A2
I/O12
I/O13
I/O14
I/O15
GND
A15
CS2
CS4
A17
OE
I/O24
I/O25
I/O26
I/O27
A3
A4
A5
VCC
A6
I/O28
I/O29
I/O30
I/O31
NC
NC
NC
PD3
PD0
I/O0
I/O1
I/O2
I/O3
VCC
A7
A8
A9
I/O4
I/O5
I/O6
I/O7
WE
A14
CS1
CS3
A16
GND
I/O16
I/O17
I/O18
I/O19
A10
A11
A12
A13
I/O20
I/O21
I/O22
I/O23
GND
NC
NC
PD0 - GND
PD1 - GND
PD2 - OPEN
PD3 - OPEN
2703 drw 15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com