| Electronic Components Datasheet Search |
|
OP07DD Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
OP07DD Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd |
|
3 / 5 page ![]() electrical characteristics at specified free-air temperature, VCC ± = ±15 V (unless otherwise noted) C C ± PAR AME TEST CONDITIONS† TA OP07C OP07D UNIT MIN TYP MAX MIN TYP MAX VIO Input offset voltage VO = 0, RS = 50 25 °C 60 150 60 150 V 0 °C to 70°C 85 250 85 250 VIO Temperature coefficient of input offset VO = 0, RS = 50 0 °C to 70°C 0.5 1.8 0.7 2.5 V/ °C Long-term drift of input offset voltage See Note 6 0.4 0.5 V/mo Offset adjustment range RS = 20 k , See Figure 1 25 °C ±4 ±4 mV IIO Input offset current 25 °C 0.8 6 0.8 6 nA 0 °C to 70°C 1.6 8 1.6 8 IIO Temperature coefficient of input offset current 0 °C to 70°C 12 50 12 50 pA/ °C IIB Input bias current 25 °C ± 1.8 ±7 ± 2 ±12 nA 0 °C to 70°C ± 2.2 ±9 ± 3 ±14 IIB Temperature coefficient of input bias current 0 °C to 70°C 18 50 18 50 pA/ °C VICR Common-mode input voltge range 25 °C ± 13 ±14 ±13 ± 14 V 0 °C to 70°C ± 13 ± 13.5 ±13 ± 13.5 VOM Peak output voltage RL ε 10 k 25 °C ± 12 ±13 ±12 ± 13 V RL ε 2 k ±11.5 ± 12.8 ±11.5 ± 12.8 RL ε 1 k ±12 ±12 RL ε 2 k 0 °C to 70°C ±11 ± 12.6 ±11 ± 12.6 AVD Large-signal differential voltage amplification VCC ± = ± 3 V, VO = ± 0.5 V, RL ε 500 k 25 °C 100 400 400 V/mV VO = ± 10 V, RL = 2 k 25 °C 120 400 120 400 0 °C to 70°C 100 400 100 400 B1 Unity-gain bandwidth 25 °C 0.4 0.6 0.4 0.6 MHz ri Input resistance 25 °C 8 33 7 31 M CMRR Common-mode rejection ratio VIC = ± 13 V, RS = 50 25 °C 100 120 94 110 dB 0 °C to 70°C 97 120 94 106 kSVS Supply voltage sensitivity ( VIO/ VCC) VCC ± = ± 3 V to ±18 V, RS = 50 25 °C 7 32 7 32 V/V 0 °C to 70°C 10 51 10 51 PD Power dissipation VO = 0, No load 25 °C 80 150 80 150 mW VCC ± = ± 3 V, VO = 0, No load 4 8 4 8 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |