Electronic Components Datasheet Search
  English  ▼

X  

GMA1504 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMA1504
Description  PNP General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMA1504 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMA1504 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMA1504 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
GMA1504
■
FEATURES 特點
PNP General Purpose Transistor
■
MAXIMUM RATINGS (Ta=25℃) 最大額定值
Characteristic
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Base Voltage
集電極
-基極電壓
VCBO
-50
V
Collector-Emitter Voltage
集電極
-發射極電壓
VCEO
-50
V
Emitter-Base Voltage
發射極
-基極電壓
VEBO
-5
V
Collector Current-Continuous
集電極電流
-連續
Ic
-150
mA
Collector Power Dissipation
集電極耗散功率
PC
225
mW
Junction Temperature
結溫
Tj
150
℃
Storage Temperature Range
儲存溫度
Tstg
-55〜150
℃
■
DEVICE MARKING 打標
GMA1504
O
Y
GR
MARK
ASO
ASY
ASG
HFE
70~140
120~240
200~400


Similar Part No. - GMA1504

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GMA1505 GSME-GMA1505 Datasheet
207Kb / 2P
PNP Low Frequency Amplifier Transistor
More results

Similar Description - GMA1504

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com