Electronic Components Datasheet Search
  English  ▼

X  

GMBT2222 Datasheet(PDF) 3 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBT2222
Description  NPN Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBT2222 Datasheet(HTML) 3 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBT2222 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2222 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2222 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT2222 Datasheet HTML 4Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBT2222(销售型號 MMBT2222) GMBT2222A(销售型號 MMBT2222A)
■
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 小信號特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Current-Gain-Bandwidth Product 電流增益-帶寬乘積
(Ic=20mAdc,VCE=20Vdc,f=100MHz)
fT GMBT2222
GMBT2222A
250
300
—
—
MHz
Output
Capacitance 輸出電容
(VCB=10.0Vdc, IE=0, f=1.0MHz)
Cobo
—
80
pF
Intput
Capacitance 輸入電容
(VEB=0.5Vdc, IC=0, f=1.0MHz)
Cibo GMBT2222
GMBT2222A
—
—
30
25
pF
Intput
Impedance 輸入阻抗
(Ic=1.0mAdc,VCE=10Vdc,f=1.0kHz)
(Ic=10mAdc,VCE=10Vdc,f=1.0kHz)
hie
GMBT2222A
GMBT2222A
2.0
0.25
8.0
1.25
kQ
Voltage Feedback Radio 電壓反饋係數
(Ic=1.0mAdc,VCE=10Vdc,f=1.0kHz)
(Ic=10mAdc,VCE=10Vdc,f=1.0kHz)
hre
GMBT2222A
GMBT2222A
—
—
8.0
4.0
-4
×10
Small-Signal Current Gain 小信號電流增益
(Ic=1.0mAdc,VCE=10Vdc,f=1.0kHz)
(Ic=10mAdc,VCE=10Vdc,f=1.0kHz)
hfe
GMBT2222A
GMBT2222A
50
75
300
375
—
Output Admittance 輸出導納
(Ic=1.0mAdc,VCE=10Vdc,f=1.0kHz)
(Ic=10mAdc,VCE=10Vdc,f=1.0kHz)
hoe
GMBT2222A
GMBT2222A
5.0
25
35
200
μ
mhos
Collector-Base Time Constant 集電極基極時間
(IE=20mAdc,VCB=20Vdc,f=31.8MHz)
rb,Cc
GMBT2222A
—
150
ps
Noise Figure 雜訊係數
(Ic=100uAdc,VCE=10Vdc,Rs=1.0kQ,f=1.0kHz)
NF
GMBT2222A
—
4.0
dB
■
SWITCHING
SWITCHING
SWITCHING
SWITCHING CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 開關特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Delay Time 延遲時間
(Vcc=30Vdc,VBE(off)=-0.5Vdc
Ic=150mAdc,IB1=15mAdc)
td
—
10
ns
Rise Time 上升時間
tr
—
25
Storage Time 儲存時間
(Vcc=30Vdc,Ic=150mAdc,
IB1=IB2=15mAdc)
ts
—
225
ns
Fall Time 下降時間
tf
—
60
1. FR-5=1.0×0.75×0.062in.
2. Alumina=0.4×0.3×0.024in.99.5%alumina.
3. Pulse Width<300us;Duty Cycle<2.0%.
4.
fT is defined as the frequency at which (hfe) extrapolates to unity.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com