Electronic Components Datasheet Search
  English  ▼

X  

GMBT4401 Datasheet(PDF) 3 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBT4401
Description  NPN Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBT4401 Datasheet(HTML) 3 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBT4401 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT4401 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT4401 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd. GMBT4401 Datasheet HTML 4Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBT4401(销售型號 MMBT4401)
■
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL
SMALL-SIGNAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 小信號特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Current-Gain-Bandwidth Product
電流增益帶寬乘積
(Ic=20mAdc,VCE=20Vdc,f=100MHz)
fT
250
—
MHz
Collector-Base Capacitance 集電極基極電容
(VCB=5.0Vdc, IE=0, f=1.0MHz)
Ccb
—
6.5
pF
Emitter-Base Capacitance 發射極基極電容
(VEB=0.5Vdc, IC=0, f=1.0MHz)
Ceb
—
30
pF
Intput
Impedance 輸入阻抗
(Ic=1.0mAdc,VCE=10Vdc,f=1.0kHz)
hie
1.0
15
kQ
Voltage Feedback Radio 電壓反饋係數
(Ic=1.0mAdc,VCE=10Vdc,f=1.0kHz)
hre
0.1
8.0
×10-4
Small-Signal Current Gain 小信號電流增益
(Ic=1.0mAdc,VCE=10Vdc,f=1.0kHz)
hfe
40
500
—
Output Admittance 輸出導納
(Ic=1.0mAdc,VCE=10Vdc,f=1.0kHz)
hoe
1.0
30
μmhos
■
SWITCHING
SWITCHING
SWITCHING
SWITCHING CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 開關特性
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Delay Time
延遲時間
(Vcc=30Vdc,VEB=2.0Vdc
Ic=150mAdc,IB1=15mAdc)
td
—
15
ns
Rise Time
上升時間
tr
—
20
Storage Time
儲存時間
(Vcc=30Vdc,Ic=150mAdc,
IB1=IB2=15mAdc)
ts
—
225
ns
Fall Time
下降時間
tf
—
30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com