Electronic Components Datasheet Search
  English  ▼

X  

GMBTA93 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBTA93
Description  PNP High Voltage Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBTA93 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBTA93 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBTA93 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMBTA93 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBTA92(销售型號 MMBTA92) GMBTA93(销售型號 MMBTA93)
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 電特性
(T
(T
(T
(TA
A
A
A
=25
=25
=25
=25℃ unless
unless
unless
unless otherwise
otherwise
otherwise
otherwise noted
noted
noted
noted 如無特殊說明,溫度爲 25℃))))
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Collector-Emitter Breakdown Voltage(3)
集電極-發射極擊穿電壓(Ic=-1.0mAdc,IB=0)
V(BR)CEO
GMBT
A92
GMBT
A93
-300
-200
—
—
Vdc
Collector-Base Breakdown Voltage
集電極-基極擊穿電壓(Ic=-100μAdc,IE=0)
V(BR)CBO
GMBT
A92
GMBT
A93
-300
-200
—
__
Vdc
Emitter-Base Breakdown Voltage
發射極-基極擊穿電壓(IE=-10μAdc,Ic=0)
V(BR)EBO
-5.0
—
Vdc
Emitter Cutoff Current 發射截止電流
(VEB=-3.0Vdc,Ic=0)
IEBO
__
-100
nAdc
Collector Cutoff Current 集電極截止電流
(VCB=-200Vdc,IE=0)
(VCB=-160Vdc,IE=0)
ICBO
GMBT
A92
GMBT
A93
—
__
-250
-250
nAdc
DC Current Gain 直流電流增益
HFE
—
(Ic=-1.0mAdc,VCE=-10.0Vdc)
25
—
(Ic=-10mAdc,VCE=-10.0Vdc)
40
300
(Ic=-30mAdc,VCE=-10.0Vdc)
GMBT
A92
GMBT
A93
25
25
—
__
Collector-Emitter Saturation Voltage
集電極-發射極飽和壓降
(Ic=-20mAdc, IB=-2.0mAdc)
VCE(sat)
GMBT
A92
GMBT
A93
—
—
-0.5
-0.5
Vdc
Base-Emitter Saturation Voltage
基極-發射極飽和壓降
(Ic=-20mAdc, IB=-2.0mAdc)
VBE(sat)
—
-0.9
Vdc
Current-Gain-Bandwidth Product
電流增益-帶寬乘積
(Ic=-10mAdc,VCE=-20Vdc,f=100MHz)
fT
50
__
MHz
Collector-Base Capacitance 輸出電容
(VCB=-20.0Vdc, IE=0, f=1.0MHz)
Ccb
GMBT
A92
GMBT
A93
—
__
6.0
8.0
pF
1.FR-5=1.0×0.75×0.062in.
2.Alumina=0.4×0.3×0.024in.99.5%alumina.
3.Pulse Width<300us;Duty Cycle<2.0%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com