Electronic Components Datasheet Search
  English  ▼

X  

MMBTA94 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # MMBTA94
Description  PNP High Voltage Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

MMBTA94 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  MMBTA94 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. MMBTA94 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBTA94(销售型號 MMBTA94)
■
FEATURES
FEATURES
FEATURES
FEATURES 特點
PNP
High Voltage Transistor
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS 最大額定值
Characteristic 特性參數
Symbol 符號
Rating 額定值
Unit 單位
Collector-Emitter Voltage 集電極-射極電壓
VCEO
-400
V
Collector-Base Voltage 集電極-極電壓
VCBO
-400
V
Emitter-Base Voltage 發射極基極電壓
VEBO
-7
V
Collector Current 集電極電流
Ic
-200
mA
Device Dissipation 耗散功率
PD
225
mW
Junction and Storage Temperature 結溫和儲存溫度
TJ,Tstg
-55to+125
℃
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 電特性
(T
(T
(T
(TA
A
A
A
=25
=25
=25
=25℃ unless
unless
unless
unless otherwise
otherwise
otherwise
otherwise noted
noted
noted
noted 如無特殊說明,溫度爲 25℃))))
Characteristic 特性參數
Symbol 符號 Min 最小值 Max 最大值 Unit 單位
Collector-Emitter Breakdown Voltage
集電極-射極擊穿電壓(IC=-1mA,IB=0)
V(BR)CEO
-400
—
V
Collector-Base Breakdown Voltage
集電極-基極擊穿電壓(IC=-100µA,IE=0)
V(BR)CBO
-400
__
V
Emitter-Base Breakdown Voltage
發射極-基極擊穿電壓(IE= -100µA ,IC=0)
V(BR)EBO
-7
—
V
Collector Cutoff Current 集電極截止電流
(VCB=-400VIE=0)
ICBO
__
-500
nA
DC Current Gain 直流電流增益
(Ic=-10mA,VCE=-10.0V)
HFE
40
240
—
Collector-Emitter Saturation Voltage
集電極-發射極飽和壓降
(Ic=-20mA, IB=-2mA)
VCE(sat)
—
-0.6
V
Current-Gain-Bandwidth Product
電流增益帶寬乘積
(Ic=-10mA,VCE=-20V,f=30MHz)
fT
50
__
MHz


Similar Part No. - MMBTA94

ManufacturerPart #DatasheetDescription
logo
Avic Technology
MMBTA94 AVICTEK-MMBTA94 Datasheet
51Kb / 1P
SOT-23-3L Plastic-Encapsulate Transistors
logo
Weitron Technology
MMBTA94 WEITRON-MMBTA94 Datasheet
206Kb / 3P
High-Voltage PNP Transistor Surface Mount
logo
Unisonic Technologies
MMBTA94 UTC-MMBTA94 Datasheet
48Kb / 3P
HIGH VOLTAGE TRANSISTOR
logo
Diotec Semiconductor
MMBTA94 DIOTEC-MMBTA94 Datasheet
105Kb / 2P
Surface mount High Voltage Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA94 SEMTECH_ELEC-MMBTA94 Datasheet
130Kb / 1P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - MMBTA94

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
PNP high-voltage transistor
1997 Apr 18
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
PNP high-voltage transistor
1997 Apr 22
PMBTA92 PHILIPS-PMBTA92 Datasheet
41Kb / 6P
PNP high-voltage transistor
2004 Jan 22
logo
Unisonic Technologies
PZTA92 UTC-PZTA92 Datasheet
77Kb / 3P
HIGH VOLTAGE PNP TRANSISTOR
logo
NXP Semiconductors
PMBTA92 NXP-PMBTA92 Datasheet
106Kb / 6P
PNP high-voltage transistor
2004 Jan 22
logo
Solid States Devices, I...
SFT5094 SSDI-SFT5094_1 Datasheet
155Kb / 3P
High Voltage PNP Transistor
logo
Unisonic Technologies
MMBTA92 UTC-MMBTA92_09 Datasheet
149Kb / 3P
HIGH VOLTAGE PNP TRANSISTOR
logo
Nexperia B.V. All right...
BSS63-Q NEXPERIA-BSS63-Q Datasheet
180Kb / 7P
PNP high-voltage transistor
10 June 2022
BSS63 NEXPERIA-BSS63 Datasheet
286Kb / 7P
PNP high-voltage transistor
2004 Jan 16
PMSTA92 NEXPERIA-PMSTA92 Datasheet
186Kb / 8P
PNP high-voltage transistor
16 May 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com