Electronic Components Datasheet Search
  English  ▼

X  

MMBTH10 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # MMBTH10
Description  SOT-23
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

MMBTH10 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  MMBTH10 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. MMBTH10 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. MMBTH10 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
MMBTH10
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 電特性
(T
(T
(T
(TAAAA=25
=25
=25
=25℃ unless
unless
unless
unless otherwise
otherwise
otherwise
otherwise noted
noted
noted
noted 如無特殊說明,溫度爲 25℃))))
1. FR-5=1.0×0.75×0.062in.
2.
Alumina=0.4×0.3×0.024in.99.5%alumina.
Characteristic
特性參數
Symbol
符號
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Emitter Cutoff Current
發射極截止電流(VEB=2.0v,IC=0)
IEBO
100
n
A
Collector Cutoff Current
集電極截止電流(VCB=25v,IE=0)
ICBO
100
n
A
Collector-Base Breakdown Voltage
集電極基極擊穿電壓(Ic=100uA)
V(BR)CBO
30
V
Collector-Emitter Breakdown Voltage
集電極發射極擊穿電壓(Ic=1mA)
V(BR)CEO
25
V
Emitter-Base Breakdown Voltage
發射極基極擊穿電壓(IE=10uA)
V(BR)EBO
3
V
Collector Saturation Voltage
集電極飽和壓降(Ic=4mAdc,IB=0.4mA)
VCE(sat)
0.5
Vdc
DC Current Gain 直流電流增益
(VCE=10v,IC=4mA)
HFE
60
Gain Bandwidth Product
增益帶寬乘積(VCE=10v,IC=4mA)
fT
650
MHz
Output Capacitance 輸出電容
(VCB=10v,IE=0,f=1.0MHz)
Cob
0.7
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com