Electronic Components Datasheet Search
  English  ▼

X  

S8050 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # S8050
Description  Low Frequency Power Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

S8050 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  S8050 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. S8050 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
S8050
■
FEATURES 特點
Low Frequency Power Amplifier 低頻功率放大
Suitable for Driver Stage of Small Motor 小馬達驅動
Complementary to S8550 与 S8550 互补
■
最大額定值
(Ta=25℃)
CHARACTERISTIC
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Base Voltage
集電極
-基極電壓
VCBO
40
Vdc
Collect-Emitter Voltage
集電極
-發射極電壓
VCEO
25
Vdc
Emitter-Base Voltage
發射極
-基極電壓
VEBO
5.0
Vdc
Collector Current
集電極電流
Ic
500
mAdc
Collector Power Dissipation
集電極耗散功率
PC
225
mW
Junction Temperature
結溫
Tj
150
℃
Storage Temperature Range
儲存溫度
Tstg
-55〜150
℃
■
DEVICE MARKING 打標
S8050=J3Y


Similar Part No. - S8050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8050 WINGS-S8050 Datasheet
69Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
NPN General Purpose Transistors
logo
Unisonic Technologies
S8050 UTC-S8050 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
S8050 BILIN-S8050 Datasheet
228Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S8050 DAYA-S8050 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - S8050

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
LOW FREQUENCY POWER AMPLIFIER
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
Low frequency power amplifier
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8229 UTC-TA8229 Datasheet
180Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSA1182 FAIRCHILD-KSA1182 Datasheet
58Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
UA1029 UTC-UA1029 Datasheet
131Kb / 7P
LOW FREQUENCY POWER AMPLIFIER
UA8229 UTC-UA8229_10 Datasheet
269Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSD880Y FAIRCHILD-KSD880Y Datasheet
64Kb / 4P
Low Frequency Power Amplifier
KSD2058YTU FAIRCHILD-KSD2058YTU Datasheet
51Kb / 4P
Low Frequency Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com