Electronic Components Datasheet Search
  English  ▼

X  

PMC4310WS Datasheet(PDF) 21 Page - Ericsson

Part # PMC4310WS
Description  DC/DC regulator Input 3.0 - 5.5 V Output 10 A
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMC4310WS Datasheet(HTML) 21 Page - Ericsson

Back Button PMC4310WS Datasheet HTML 17Page - Ericsson PMC4310WS Datasheet HTML 18Page - Ericsson PMC4310WS Datasheet HTML 19Page - Ericsson PMC4310WS Datasheet HTML 20Page - Ericsson PMC4310WS Datasheet HTML 21Page - Ericsson PMC4310WS Datasheet HTML 22Page - Ericsson PMC4310WS Datasheet HTML 23Page - Ericsson PMC4310WS Datasheet HTML 24Page - Ericsson PMC4310WS Datasheet HTML 25Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
1
EN/LZT146056R4A© EricssonPowerModules,March2007
PMC4318TWSDatasheet
Turn Off
Output Ripple
Transient with 10 µFoutputcapacitor
Outputvoltageresponsetoloadcurrentstep-change
(2.5-7.5-2.5A)atTref=+25°C,Vin=3.3V.dI/dt=5A/µs
Toptrace:outputvoltage(ac)(100mV/div.).
Bottomtrace:loadcurrent(dc)(10A/div.)
Timescale:0.1ms/div.
Transient with 00 µFoutputcapacitor
Outputvoltageresponsetoloadcurrentstep-change
(2.5-7.5-2.5A)atTref=+25°C,Vin=3.3V.dI/dt=5A/µs
Toptrace:outputvoltage(ac)(100mV/div.).
Bottomtrace:loadcurrent(dc)(10A/div.)
Timescale:0.1ms/div.
Outputvoltageripple(20mV/div.)atTref=+25°C,Vin=3.3V,
IO=10Aresistiveload.
Bandwidth=5MHz.
Timescale:2µs/div.
Turn-offatIO=10AresistiveloadatTref=+25°C,
Vin=3.3V.Turn-offenabledbydisconnectingVin.
Toptrace:outputvoltage(1V/div.).
Bottomtrace:inputvoltage(2V/div.).
Timescale:2ms/div.
Adjusted to . V out - Typical Characteristics
Generalconditions:Inputfilter2x22µF,Outputfilter1x150µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com