Electronic Components Datasheet Search
  English  ▼

X  

RB751S-40 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # RB751S-40
Description  HIGH SPEED SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

RB751S-40 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  RB751S-40 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED RB751S-40 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Diodes
HIGH SPEED SWITCHING DIODE
FEATURES
Small surface mounting type
Low reverse current and low forward voltage
High reliability
MARKING: 5
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
30
V
Mean rectifying current
IO
30
mA
Peak forward surge current
IFSM
200
Junction temperature
Tj
125
Storage temperature
Tstg
-40-125
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
0.37
V
IF=1mA
Reverse current
IR
0.5
μA
VR=30V
VRM
40
V
mA
Peak reverse voltage
Capacitance between terminals
cT
2
pf
VR=1V,f=1MHZ
SOD-523
-
+
RB751S-40
MAKO Semiconductor Co., Limited
4008-378-873
http://www.makosemi.hk/


Similar Part No. - RB751S-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB751S-40 ROHM-RB751S-40 Datasheet
62Kb / 2P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB751S-40 TEL-RB751S-40 Datasheet
85Kb / 2P
Schottky barrier Diodes
logo
SEMTECH ELECTRONICS LTD...
RB751S-40 SEMTECH_ELEC-RB751S-40 Datasheet
218Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Rohm
RB751S-40 ROHM-RB751S-40 Datasheet
195Kb / 4P
Schottky barrier diode
logo
Pan Jit International I...
RB751S-40 PANJIT-RB751S-40 Datasheet
86Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - RB751S-40

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com