Electronic Components Datasheet Search
  English  ▼

X  

7429FCT52ATP Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 7429FCT52ATP
Description  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7429FCT52ATP Datasheet(HTML) 6 Page - Integrated Device Technology

  7429FCT52ATP Datasheet HTML 1Page - Integrated Device Technology 7429FCT52ATP Datasheet HTML 2Page - Integrated Device Technology 7429FCT52ATP Datasheet HTML 3Page - Integrated Device Technology 7429FCT52ATP Datasheet HTML 4Page - Integrated Device Technology 7429FCT52ATP Datasheet HTML 5Page - Integrated Device Technology 7429FCT52ATP Datasheet HTML 6Page - Integrated Device Technology 7429FCT52ATP Datasheet HTML 7Page - Integrated Device Technology 7429FCT52ATP Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.1
6
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
29FCT52AT/53AT
29FCT2052AT
29FCT52BT/53BT
29FCT2052BT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
CPA, CPB to An, Bn
CL = 50pF
RL = 500
Ω
2.0
10.0
2.0
11.0
2.0
7.5
2.0
8.0
ns
tPZH
tPZL
Output Enable Time
OEA or OEB to An, Bn
1.5
10.5
1.5
13.0
1.5
8.0
1.5
8.5
ns
tPHZ
tPLZ
Output Disable Time
OEA or OEB to An, Bn
1.5
10.0
1.5
10.0
1.5
7.5
1.5
8.0
ns
tSU
Set-up Time, HIGH or LOW
An, Bn to CPA, CPB
2.5
—
2.5
—
2.5
—
2.5
—
ns
tH
Hold Time, HIGH or LOW
An, Bn to CPA, CPB
2.0
—
2.0
—
1.5
—
1.5
—
ns
tSU
Set-up Time, HIGH or LOW
CEA, CEB to CPA, CPB
3.0
—
3.0
—
3.0
—
3.0
—
ns
tH
Hold Time, HIGH or LOW
CEA, CEB to CPA, CPB
2.0
—
2.0
—
2.0
—
2.0
—
ns
tW
Clock Pulse Width HIGH or
LOW(3)
3.0
—
3.0
—
3.0
—
3.0
—
ns
2629 tbl 10
NOTES:
2629 tbl 11
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
29FCT52CT/53CT
29FCT2052CT
29FCT52DT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
CPA, CPB to An, Bn
CL = 50pF
RL = 500
Ω
2.0
6.3
2.0
7.3
2.0
4.5
—
—
ns
tPZH
tPZL
Output Enable Time
OEA or OEB to An, Bn
1.5
7.0
1.5
8.0
1.5
5.6
—
—
ns
tPHZ
tPLZ
Output Disable Time
OEA or OEB to An, Bn
1.5
6.5
1.5
7.5
1.5
4.3
—
—
ns
tSU
Set-up Time, HIGH or LOW
An, Bn to CPA, CPB
2.5
—
2.5
—
1.5
—
—
—
ns
tH
Hold Time, HIGH or LOW
An, Bn to CPA, CPB
1.5
—
1.5
—
1.0
—
—
—
ns
tSU
Set-up Time, HIGH or LOW
CEA, CEB to CPA, CPB
3.0
—
3.0
—
2.0
—
—
—
ns
tH
Hold Time, HIGH or LOW
CEA, CEB to CPA, CPB
2.0
—
2.0
—
1.0
—
—
—
ns
tW
Clock Pulse Width HIGH or
LOW(3)
3.0
—
3.0
—
3.0
—
—
—
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com