Electronic Components Datasheet Search
  English  ▼

X  

IMP1832 Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP1832
Description  3.3V 關P Power Suppl Monitor and Reset Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1832 Datasheet(HTML) 1 Page - IMP, Inc

  IMP1832 Datasheet HTML 1Page - IMP, Inc IMP1832 Datasheet HTML 2Page - IMP, Inc IMP1832 Datasheet HTML 3Page - IMP, Inc IMP1832 Datasheet HTML 4Page - IMP, Inc IMP1832 Datasheet HTML 5Page - IMP, Inc IMP1832 Datasheet HTML 6Page - IMP, Inc IMP1832 Datasheet HTML 7Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Also included is a watchdog timer to stop and restart a
microprocessor that is “hung-up”. Three watchdog time-
out periods are selectable: 150ms, 610ms and 1,200ms. If the
ST input is not strobed LOW before the time-out period
expires, a reset is issued.
Devices are available in 8-pin DIP, 8-pin SO and compact
8-pin MicroSO packages.
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
x
Pin compatible with the Dallas Semiconductor
DS1832
— Over 40% lower supply current
x
3.3V supply monitor
x
Push-pull output
x
Selectable watchdog period
x
Debounce manual push-button reset input
x
Precision temperature-compensated voltage
reference and comparator
x
Power-up, power-down and brownout detection
x
250ms minimum reset time
x
Active LOW and HIGH reset signal
x
Selectable trip point tolerance: 10% or 20%
x
Low-cost 8-pin DIP/SO and 8-pin MicroSO
packages
x
Wide operating temperature – 40
°C to +85°C
Block Diagram
VCC
RESET
PBRST
1
1832_02.eps
40k
9
TOL
IMP1832
3
VCC
–
+
10%/20% Tolerance
Selection
Reference
VCC
8
6
TD
Push Button
Debounce
2
Watchdog
Timebase Selection
GND
4
Reset &
Watchdog Timer
ST
7
Watchdog
Transition Detector
VCC
RESET
5
IMP1
IMP1832
832
POWER MANAGEMENT
3.3V
3.3V µ
µP P
P Po
ow
wer Suppl
er Supplyy
Monit
Monitor and R
or and Reset Cir
eset Circuit
cuit
– Select
– Selectable T
able Trriip
p-P
-Point T
oint Toler
olerance and
ance and
W
Watc
atchdog P
hdog Per
eriod
iod
– Push-Butt
– Push-Button R
on Reset
eset
– Push-Pull R
– Push-Pull Reset Outputs
eset Outputs
The IMP1832 microprocessor supervisor can halt and restart a “hung-
up” or “stalled” microprocessor, restart a microprocessor after a power
failure, and debounce a manual push-button microprocessor reset
switch. The IMP1832 features over 40% lower supply current than the
pin compatible Dallas Semiconductor DS1832.
Precision temperature compensated reference and comparator circuits
monitor the 3.3V, VCC input voltage. During power-up or when the VCC
power supply falls outside selectable tolerance limits, both RESET and
RESET become active. When VCC rises above the threshold voltage, the
reset signals remain active for an additional 250ms minimum, allowing
the power supply and system microprocessor to stabilize. The trip point
tolerance signal, TOL, selects the trip level tolerance to be either 10- or
20-percent.
RESET and RESET outputs are push-pull.
A debounced manual reset input, PBRST, activates the reset outputs for
a minimum period of 250ms.


Similar Part No. - IMP1832

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP1832 A1PROS-IMP1832 Datasheet
115Kb / 7P
3..3V 關P Power Supplly Moniittor and Ressett Ciircuiitt
IMP1832S A1PROS-IMP1832S Datasheet
115Kb / 7P
3..3V 關P Power Supplly Moniittor and Ressett Ciircuiitt
IMP1832SEMA A1PROS-IMP1832SEMA Datasheet
115Kb / 7P
3..3V 關P Power Supplly Moniittor and Ressett Ciircuiitt
More results

Similar Description - IMP1832

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1232LP IMP-IMP1232LP Datasheet
104Kb / 7P
5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit
logo
Maxim Integrated Produc...
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
logo
Alliance Semiconductor ...
ASM1832 ALSC-ASM1832 Datasheet
259Kb / 9P
3.3V UP Power Supply Monitor and Reset Circuit
ASM1232LP ALSC-ASM1232LP Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
3.3V 關P Power Supply Monitor and Reset Circuit
ASM1834 PULSECORE-ASM1834 Datasheet
265Kb / 10P
Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
ASM1232LP ONSEMI-ASM1232LP Datasheet
173Kb / 12P
5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com