Electronic Components Datasheet Search
  English  ▼

X  

IMP1233D Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP1233D
Description  Low Power, 5V, 關P Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1233D Datasheet(HTML) 3 Page - IMP, Inc

  IMP1233D Datasheet HTML 1Page - IMP, Inc IMP1233D Datasheet HTML 2Page - IMP, Inc IMP1233D Datasheet HTML 3Page - IMP, Inc IMP1233D Datasheet HTML 4Page - IMP, Inc IMP1233D Datasheet HTML 5Page - IMP, Inc IMP1233D Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings
IMP1
IMP1 233D
233D
2000 © IMP, Inc.
Microprocessor Supervisor
3
Electrical Characteristics
Voltage on VCC . . . . . . . . . . . . . . . . . . . . . . . . –0.5V to 7V
Voltage on RESET . . . . . . . . . . . . . . . . . . . . . –0.5V to VCC + 0.5V
Operating Temperature Range . . . . . . . . . . . –40
°C to 85°C
Soldering Temperature . . . . . . . . . . . . . . . . . . 260
°C for 10 seconds
Storage Temperature . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Voltages measured with respect to ground.
These are stress ratings only and functional operation is not implied.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
1.2
5.5
V
Output Voltage
VOH
IOUT < 500
µAVCC – 0.5V VCC – 0.1V
V
Output Current
IOL
Output = 0.4V, VCC
≥ 2.7V
+8
mA
Operating Current
ICC
VCC < 5.5V, RESET output open
8
20
µA
Operating Current
ICC
VCC
≤ 3.6V, RESET output open
6
15
µA
VCC Trip Point (IMP1233D-5)
VCCTP
4.50
4.625
4.74
V
VCC Trip Point (IMP1233D-10)
VCCTP
4.25
4.375
4.49
V
VCC Trip Point (IMP1233D-15)
VCCTP
4.00
4.125
4.24
V
Internal Pull-Up Resistor
RP
3.5
5.0
7.5
k
Ω
Output Capacitance
COUT
10
pF
RESET Active Time
tRESET
250
350
450
ms
VCC Detect to RESET Low
tRPD
25
µs
VCC Slew Rate
tF
300
µs
(VHTL - VLTL)
VCC Slew Rate
tR
0ns
(VLTL - VHTL)
VCC Detect to RESET High
tRPU
tR = 5
µs
250
350
450
ms
Unless otherwise noted, VCC = 1.2V to 5.5V and specifications are over the operating temperature range of – 40
°C to +85°C.
All voltages are referenced to ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com