Electronic Components Datasheet Search
  English  ▼

X  

IMP1832S Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP1832S
Description  3.3V 關P Power Suppl Monitor and Reset Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1832S Datasheet(HTML) 2 Page - IMP, Inc

  IMP1832S Datasheet HTML 1Page - IMP, Inc IMP1832S Datasheet HTML 2Page - IMP, Inc IMP1832S Datasheet HTML 3Page - IMP, Inc IMP1832S Datasheet HTML 4Page - IMP, Inc IMP1832S Datasheet HTML 5Page - IMP, Inc IMP1832S Datasheet HTML 6Page - IMP, Inc IMP1832S Datasheet HTML 7Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Pin Configuration
IMP1
IMP1832
832
Pin Descriptions
IMP1832
5
1832_01.eps
RESET
6 RESET
7ST
8
4
3
2
1VCC
GND
TOL
TD
PBRST
Ordering Information
DIP/SO/MicroSO
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
e
g
n
a
R
y
l
p
p
u
S
m
u
m
i
x
a
M
(
t
n
e
r
r
u
C
µ )
A
g
n
i
r
o
t
i
n
o
M
e
g
a
t
l
o
V
n
o
i
t
a
c
i
l
p
p
A
2
3
8
1
P
M
IP
I
D
-
8
– 0
4C
°
5
8
o
tC
°
0
2V
3
.
3
S
2
3
8
1
P
M
IO
S
-
8
– 0
4C
°
5
8
o
tC
°
0
2V
3
.
3
A
M
E
S
2
3
8
1
P
M
IO
S
o
r
c
i
M
-
8
– 0
4C
°
5
8
o
tC
°
0
2V
3
.
3
s
p
e
.
1
0
t
_
2
3
8
1
Pin Number
8-Pin Package
Name
Function
1
PBRST
Debounced manual pushbutton reset input
2
TD
Watchdog time delay selection. (tTD = 150ms for TD = GND, tTD = 610ms for TD = Open,
and tTD =1200ms for TD = VCC)
3
TOL
Selects 10% (TOL connected to GND) or 20% (TOL connected to VCC) trip point tolerance
4
GND
Ground
5
RESET
Active HIGH reset output. RESET is active:
1. If VCC falls below the reset voltage trip point.
2. If PBRST is LOW.
3. If ST is not strobed LOW before the timeout period set by TD expires.
4. During power-up.
6
RESET
Active LOW reset output. (See RESET)
7
ST
Strobe Input
8VCC
5V power



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com