Electronic Components Datasheet Search
  English  ▼

X  

IMP1233M Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP1233M
Description  Low Power 5V/3.0V P Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1233M Datasheet(HTML) 2 Page - IMP, Inc

  IMP1233M Datasheet HTML 1Page - IMP, Inc IMP1233M Datasheet HTML 2Page - IMP, Inc IMP1233M Datasheet HTML 3Page - IMP, Inc IMP1233M Datasheet HTML 4Page - IMP, Inc IMP1233M Datasheet HTML 5Page - IMP, Inc IMP1233M Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IMP1
IMP1 233M
233M
2
408-432-9100/www.impweb.com
2000 © IMP, Inc. !
Pin Configuration
Pin Descriptions
1233M_03.eps
4
GND
3
NC
2
VCC
1
RESET
5NC
6NC
7NC
8NC
IMP1233M
Ordering Information
SO-8
y
r
a
m
m
u
S
e
c
i
v
e
D
*
*
t
r
a
P
r
e
b
m
u
N
T
E
S
E
R
t
u
p
t
u
O
e
g
a
t
l
o
V
)
V
(
T
E
S
E
R
e
c
n
a
r
e
l
o
T
)
%
(
T
E
S
E
R
e
m
i
T
)
s
m
(
e
g
a
t
S
t
u
p
t
u
O
8
-
O
S
e
g
a
k
c
a
P
T
E
S
E
R
y
t
i
r
a
l
o
P
*
n
i
a
r
D
-
n
e
p
Oll
u
P
-
h
s
u
P
T
/
5
5
-
S
M
3
3
2
1
P
M
I5
2
6
.
45
0
5
3
""
W
O
L
T
/
5
-
S
M
3
3
2
1
P
M
I5
7
3
.
40
10
5
3
""
W
O
L
T
/
3
-
S
M
3
3
2
1
P
M
I0
2
7
.
25
10
5
3
""
W
O
L
k
5
l
a
n
r
e
t
n
I
*
Ω
.
p
u
l
l
u
p
r
o
t
s
i
s
e
r
.
l
e
e
R
d
n
a
e
p
a
T
s
e
t
a
c
i
d
n
i
T
/
*
*
s
p
e
.
3
0
t
_
M
3
3
2
1
s
r
e
b
m
u
N
n
i
P
e
m
a
Nn
o
i
t
c
n
u
F
8
-
O
S2
9
-
O
T
11
T
E
S
E
Rt
u
p
t
u
o
t
e
s
e
r
W
O
L
e
v
i
t
c
A
22
V C
C
t
u
p
n
i
y
l
p
p
u
s
r
e
w
o
P
8
d
n
a
7
,
6
,
5
,
3
—
C
Nn
o
i
t
c
e
n
n
o
c
o
N
43
D
N
Gd
n
u
o
r
G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com