Electronic Components Datasheet Search
  English  ▼

X  

IMP2524 Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP2524
Description  Quad USB High-Side Power Switch with Fault Detection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP2524 Datasheet(HTML) 2 Page - IMP, Inc

  IMP2524 Datasheet HTML 1Page - IMP, Inc IMP2524 Datasheet HTML 2Page - IMP, Inc IMP2524 Datasheet HTML 3Page - IMP, Inc IMP2524 Datasheet HTML 4Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Pin Descriptions
Ordering Information
Pin Configuration
IMP252
IMP252 4/2
4/277
4
GND
3
OUTA
2
ENA
1
FLGA
13 INA/B
14 OUTB
15 ENB
16 FLGB
8
FLGC
7
ENC
6
OUTC
5
INC/D
9
FLGD
10 END
11 OUTD
12 GND
2524/27_02.eps
IMP2524/27
SO/DIP
2524/27_03.eps
OUTA
3
INA/B
GND
13
4
GND
12
FLGA
2
ENA
1
Logic,
Charge
Pump
OUTB
14
ENB
15
FLGB
16
Logic,
Charge
Pump
OUTC
6
INC/D
5
FLGC
8
ENC
7
Logic,
Charge
Pump
OUTD
11
END
10
FLGD
9
Logic,
Charge
Pump
IMP2524/27
r
e
b
m
u
N
n
i
Pe
m
a
Nn
o
i
t
c
n
u
F
1A
G
L
F
-
r
e
d
n
u
o
t
e
s
n
o
p
s
e
r
n
i
e
t
a
t
s
W
O
L
-
e
v
i
t
c
a
n
a
o
t
n
i
s
e
o
g
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
o
s
i
h
T
.
t
u
p
t
u
o
A
g
a
l
F
t
l
u
a
F
.
s
n
o
i
t
i
d
n
o
c
n
w
o
d
t
u
h
s
l
a
m
r
e
h
t
r
o
t
i
m
il
t
n
e
r
r
u
c
,
e
g
a
t
l
o
v
2A
N
E
H
G
I
H
-
e
v
i
t
c
a
h
t
o
B
.
t
u
p
n
i
c
i
g
o
l
l
o
r
t
n
o
c
r
e
v
i
r
d
h
c
t
i
w
s
T
E
F
S
O
M
B
l
e
n
n
a
h
C
e
h
t
s
i
n
i
p
s
i
h
T
.
t
u
p
n
I
A
e
l
b
a
n
E
.
e
l
b
a
li
a
v
a
e
r
a
s
e
c
i
v
e
d
c
i
g
o
l
)
x
i
f
f
u
s
2
-
(
W
O
L
-
e
v
i
t
c
a
d
n
a
)
x
i
f
f
u
s
1
-
(
3A
T
U
O
.
s
e
t
a
t
s
F
F
O
d
n
a
N
O
o
t
n
i
d
a
o
l
e
h
t
s
e
v
i
r
d
n
i
p
t
u
p
t
u
o
e
h
T
.
)
e
c
r
u
o
S
T
E
F
S
O
M
(
t
u
p
t
u
o
h
c
t
i
w
s
A
-
l
e
n
n
a
h
C
4D
N
G
.
r
e
h
t
e
g
o
t
6
d
n
a
4
s
n
i
p
h
t
o
b
t
c
e
n
n
o
C
.
C
I
e
h
t
f
o
y
r
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
e
h
t
r
o
f
n
r
u
t
e
r
y
l
p
p
u
s
r
e
w
o
P
.
d
n
u
o
r
G
5D
/
C
N
I
.
n
o
i
t
c
e
n
n
o
c
n
i
a
r
d
T
E
F
S
O
M
g
n
i
h
c
t
i
w
s
e
h
t
s
i
s
i
h
T
.
e
g
a
t
l
o
v
t
u
p
n
i
y
l
p
p
u
s
r
e
w
o
p
e
v
i
t
i
s
o
p
D
d
n
a
C
l
e
n
n
a
h
C
.
t
i
u
c
r
i
c
p
m
u
p
-
e
g
r
a
h
c
e
h
t
d
n
a
c
i
g
o
l
e
h
t
r
o
f
t
u
p
n
i
e
g
a
t
l
o
v
y
l
p
p
u
s
D
l
e
n
n
a
h
c
d
n
a
C
l
e
n
n
a
h
c
e
h
t
s
i
t
I
6C
T
U
O
.
s
e
t
a
t
s
F
F
O
d
n
a
N
O
o
t
n
i
d
a
o
l
e
h
t
s
e
v
i
r
d
n
i
p
t
u
p
t
u
o
e
h
T
.
)
e
c
r
u
o
S
T
E
F
S
O
M
(
t
u
p
t
u
o
h
c
t
i
w
s
C
-
l
e
n
n
a
h
C
7C
N
E
H
G
I
H
-
e
v
i
t
c
a
h
t
o
B
.
t
u
p
n
i
c
i
g
o
l
l
o
r
t
n
o
c
r
e
v
i
r
d
h
c
t
i
w
s
T
E
F
S
O
M
B
l
e
n
n
a
h
C
e
h
t
s
i
n
i
p
s
i
h
T
.
t
u
p
n
I
C
e
l
b
a
n
E
.
e
l
b
a
li
a
v
a
e
r
a
s
e
c
i
v
e
d
c
i
g
o
l
)
x
i
f
f
u
s
2
-
(
W
O
L
-
e
v
i
t
c
a
d
n
a
)
x
i
f
f
u
s
1
-
(
8C
G
L
F
-
r
e
d
n
u
o
t
e
s
n
o
p
s
e
r
n
i
e
t
a
t
s
W
O
L
-
e
v
i
t
c
a
n
a
o
t
n
i
s
e
o
g
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
o
s
i
h
T
.
t
u
p
t
u
o
C
g
a
l
F
t
l
u
a
F
.
s
n
o
i
t
i
d
n
o
c
n
w
o
d
t
u
h
s
l
a
m
r
e
h
t
r
o
t
i
m
il
t
n
e
r
r
u
c
,
e
g
a
t
l
o
v
9D
G
L
F
-
r
e
d
n
u
o
t
e
s
n
o
p
s
e
r
n
i
e
t
a
t
s
W
O
L
-
e
v
i
t
c
a
n
a
o
t
n
i
s
e
o
g
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
o
s
i
h
T
.
t
u
p
t
u
o
D
g
a
l
F
t
l
u
a
F
.
s
n
o
i
t
i
d
n
o
c
n
w
o
d
t
u
h
s
l
a
m
r
e
h
t
r
o
t
i
m
il
t
n
e
r
r
u
c
,
e
g
a
t
l
o
v
0
1D
N
E
H
G
I
H
-
e
v
i
t
c
a
h
t
o
B
.
t
u
p
n
i
c
i
g
o
l
l
o
r
t
n
o
c
r
e
v
i
r
d
h
c
t
i
w
s
T
E
F
S
O
M
B
l
e
n
n
a
h
C
e
h
t
s
i
n
i
p
s
i
h
T
.
t
u
p
n
I
D
e
l
b
a
n
E
.
e
l
b
a
li
a
v
a
e
r
a
s
e
c
i
v
e
d
c
i
g
o
l
)
x
i
f
f
u
s
2
-
(
W
O
L
-
e
v
i
t
c
a
d
n
a
)
x
i
f
f
u
s
1
-
(
1
1D
T
U
O
.
s
e
t
a
t
s
F
F
O
d
n
a
N
O
o
t
n
i
d
a
o
l
e
h
t
s
e
v
i
r
d
n
i
p
t
u
p
t
u
o
e
h
T
.
)
e
c
r
u
o
S
T
E
F
S
O
M
(
t
u
p
t
u
o
h
c
t
i
w
s
D
-
l
e
n
n
a
h
C
2
1D
N
G
.
r
e
h
t
e
g
o
t
6
d
n
a
4
s
n
i
p
h
t
o
b
t
c
e
n
n
o
C
.
C
I
e
h
t
f
o
y
r
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
e
h
t
r
o
f
n
r
u
t
e
r
y
l
p
p
u
s
r
e
w
o
P
.
d
n
u
o
r
G
3
1B
/
A
N
I
.
n
o
i
t
c
e
n
n
o
c
n
i
a
r
d
T
E
F
S
O
M
g
n
i
h
c
t
i
w
s
e
h
t
s
i
s
i
h
T
.
e
g
a
t
l
o
v
t
u
p
n
i
y
l
p
p
u
s
r
e
w
o
p
e
v
i
t
i
s
o
p
B
d
n
a
A
l
e
n
n
a
h
C
.
t
i
u
c
r
i
c
p
m
u
p
-
e
g
r
a
h
c
e
h
t
d
n
a
c
i
g
o
l
e
h
t
r
o
f
t
u
p
n
i
e
g
a
t
l
o
v
y
l
p
p
u
s
B
l
e
n
n
a
h
c
d
n
a
A
l
e
n
n
a
h
c
e
h
t
s
i
t
I
4
1B
T
U
O
.
s
e
t
a
t
s
F
F
O
d
n
a
N
O
o
t
n
i
d
a
o
l
e
h
t
s
e
v
i
r
d
n
i
p
t
u
p
t
u
o
e
h
T
.
)
e
c
r
u
o
S
T
E
F
S
O
M
(
t
u
p
t
u
o
h
c
t
i
w
s
B
-
l
e
n
n
a
h
C
5
1B
N
E
H
G
I
H
-
e
v
i
t
c
a
h
t
o
B
.
t
u
p
n
i
c
i
g
o
l
l
o
r
t
n
o
c
r
e
v
i
r
d
h
c
t
i
w
s
T
E
F
S
O
M
B
-
l
e
n
n
a
h
C
e
h
t
s
i
n
i
p
s
i
h
T
.
t
u
p
n
I
B
e
l
b
a
n
E
.
e
l
b
a
li
a
v
a
e
r
a
s
e
c
i
v
e
d
c
i
g
o
l
)
x
i
f
f
u
s
2
-
(
W
O
L
-
e
v
i
t
c
a
d
n
a
)
x
i
f
f
u
s
1
-
(
6
1B
G
L
F
-
r
e
d
n
u
o
t
e
s
n
o
p
s
e
r
n
i
e
t
a
t
s
W
O
L
-
e
v
i
t
c
a
n
a
o
t
n
i
s
e
o
g
t
u
p
t
u
o
n
i
a
r
d
-
n
e
p
o
s
i
h
T
.
t
u
p
t
u
o
B
g
a
l
F
t
l
u
a
F
.
s
n
o
i
t
i
d
n
o
c
n
w
o
d
t
u
h
s
l
a
m
r
e
h
t
r
o
t
i
m
il
t
n
e
r
r
u
c
,
e
g
a
t
l
o
v
1
0
t
7
2
/
4
2
5
2
r
e
b
m
u
N
n
i
Pc
i
g
o
L
e
l
b
a
n
Ee
c
n
a
t
s
i
s
e
R
”
N
O
“
l
a
c
i
p
y
Te
g
n
a
R
e
r
u
t
a
r
e
p
m
e
Te
g
a
k
c
a
P
-
s
n
i
P
M
W
B
1
-
4
2
5
2
P
M
IH
G
I
H
e
v
i
t
c
Am
0
0
1
Ω
C
°
5
8
+
o
t
C
°
0
4
–
O
S
-
6
1
M
W
B
2
-
4
2
5
2
P
M
IW
O
L
e
v
i
t
c
Am
0
0
1
Ω
C
°
5
8
+
o
t
C
°
0
4
–
O
S
-
6
1
N
B
1
-
4
2
5
2
P
M
IH
G
I
H
e
v
i
t
c
Am
0
0
1
Ω
C
°
5
8
+
o
t
C
°
0
4
–
P
I
D
-
6
1
N
B
2
-
4
2
5
2
P
M
IW
O
L
e
v
i
t
c
Am
0
0
1
Ω
C
°
5
8
+
o
t
C
°
0
4
–
P
I
D
-
6
1
M
W
B
1
-
7
2
5
2
P
M
IH
G
I
H
e
v
i
t
c
Am
0
0
2
Ω
C
°
5
8
+
o
t
C
°
0
4
–
O
S
-
6
1
M
W
B
2
-
7
2
5
2
P
M
IW
O
L
e
v
i
t
c
Am
0
0
2
Ω
C
°
5
8
+
o
t
C
°
0
4
–
O
S
-
6
1
N
B
1
-
7
2
5
2
P
M
IH
G
I
H
e
v
i
t
c
Am
0
0
2
Ω
C
°
5
8
+
o
t
C
°
0
4
–
P
I
D
-
6
1
N
B
2
-
7
2
5
2
P
M
IW
O
L
e
v
i
t
c
Am
0
0
2
Ω
C
°
5
8
+
o
t
C
°
0
4
–
P
I
D
-
6
1
2
0
t
7
2
/
4
2
5
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com