Electronic Components Datasheet Search
  English  ▼

X  

LB11908 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LB11908
Description  Three-Phase Brushless Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11908 Datasheet(HTML) 3 Page - ON Semiconductor

  LB11908 Datasheet HTML 1Page - ON Semiconductor LB11908 Datasheet HTML 2Page - ON Semiconductor LB11908 Datasheet HTML 3Page - ON Semiconductor LB11908 Datasheet HTML 4Page - ON Semiconductor LB11908 Datasheet HTML 5Page - ON Semiconductor LB11908 Datasheet HTML 6Page - ON Semiconductor LB11908 Datasheet HTML 7Page - ON Semiconductor LB11908 Datasheet HTML 8Page - ON Semiconductor LB11908 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LB11920
No.7229-3/10
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Low-voltage protection circuit
Operating voltage
VSDL
3.6
3.8
4.0
V
Release voltage
VSDH
4.1
4.3
4.5
V
Hysteresis width
ΔVSD
0.35
0.5
0.65
V
PWMIN pin
Input frequency
f (PI)
50
kHz
H level input voltage
VIH (PI)
2.0
VCC
V
L level input voltage
VIL (PI)
0
1.0
V
Input open voltage
VIO (PI)
VCC-0.5
VCC
V
Hysteresis width
VIS (PI)
0.15
0.25
0.35
V
H level input current
IIH (PI)
VPWMIN = VCC
-10
0
10
μA
L level input current
IIL (PI)
VPWMIN = 0V
-116
-87
-58
μA
S/S pin
H level input voltage
VIH (S/S)
2.0
VCC
V
L level input voltage
VIL (S/S)
0
1.0
V
Input open voltage
VIO (S/S)
VCC-0.5
VCC
V
Hysteresis width
VIS (S/S)
0.15
0.25
0.35
V
H level input current
IIH (S/S)
VS/S = VCC
-10
0
10
μA
L level input current
IIL(S/S)
VS/S = 0V
-116
-87
-58
μA
F/R pin
H level input voltage
VIH (F/R)
2.0
VCC
V
L level input voltage
VIL (F/R)
0
1.0
V
Input open voltage
VIO (F/R)
VCC-0.5
VCC
V
Hysteresis width
VIS (F/R)
0.15
0.25
0.35
V
H level input current
IIH (F/R)
VF/R = VCC
-10
0
10
μA
L level input current
IIL(F/R)
VF/R = 0V
-116
-87
-58
μA
BR pin
H level input voltage
VIH (BR)
2.0
VCC
V
L level input voltage
VIL (BR)
0
1.0
V
Input open voltage
VIO (BR)
VCC-0.5
VCC
V
Hysteresis width
VIS (BR)
0.15
0.25
0.35
V
H level input current
IIH (BR)
VBR = VCC
-10
0
10
μA
L level input current
IIL(BR)
VBR = 0V
-116
-87
-58
μA
Package Dimensions
unit : mm (typ)
3174C
SANYO : DIP28H(500mil)
1
14
28
15
0.6
26.75
20.0
R1.7
(1.81)
1.78
1.0
Pd max -- Ta
Ambient temperature, Ta – °C
0
16
20
4
12
8
3
24
– 20
80
60
20
40
0
100
With an infinitely large heat sink
Independent IC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com