Electronic Components Datasheet Search
  English  ▼

X  

G6B Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6B
Description  Subminiature Relay that Switches up to 5 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6B Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6B Datasheet HTML 1Page - Omron Electronics LLC G6B Datasheet HTML 2Page - Omron Electronics LLC G6B Datasheet HTML 3Page - Omron Electronics LLC G6B Datasheet HTML 4Page - Omron Electronics LLC G6B Datasheet HTML 5Page - Omron Electronics LLC G6B Datasheet HTML 6Page - Omron Electronics LLC G6B Datasheet HTML 7Page - Omron Electronics LLC G6B Datasheet HTML 8Page - Omron Electronics LLC G6B Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Power PCB Relay
G6B
171
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Orientation marks are indicated as follows:
■ Single Pole
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
G6B-1114P-US
G6BU-1114P-US
G6BU-1114P, -1114C
G6B-1114P, -1114C
G6BU-1114P, -1114C
G6B-1114C-US
G6BU-1114C-US
G6B-1114P, -1114C
7.62
10.16
7.62
(1.1)
(1.2)
Four,
1.1-dia. holes
6
1
34
-
+
6
1
34
-
+
SR
+
-
*Average value
0.5
0.9
0.9
0.85
0.3
3.5
0.5
10 max.
(9.8)
*
10 max.
(9.8)
*
20 max.
(19.9)
*
*Average value
0.9
0.9
0.85
0.5
10 max.
(9.8)
*
0.3
3.2
10 max.
(9.8)
*
0.5
20 max.
(19.9)
*
3.5
0.85
G6BK-1114P-US
G6BK-1114P, -1114C
G6BK-1114P, -1114C
G6BK-1114C-US
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
7.62
7.62
2.54
7.62
(1.1)
(1.2)
Six, 1.1-dia. holes
6
1
34
-
+
S
7
2 -
+
R
*Average value
0.5
0.3
3.5
0.5
10 max.
(9.8)*
10 max.
(9.8)*
20 max.
(19.9)*
0.9
0.9
0.85
0.85
*Average value
0.5
10 max.
(9.8)*
0.3
3.5
10 max.
(9.8)*
0.5
20 max.
(19.9)*
3.2
0.9
0.9
0.85
0.85
Terminal Arrangement/Internal
Connections (Bottom View)
G6B-1174P-US
G6B-1174C-US
*Average value
*Average value
Mounting Holes
(Bottom View)
G6B-1174P, -1174C
7.62
10.16
7.62
(1.1)
(1.2)
Four, 1.1-dia. holes
0.5
10 max.
(9.9)*
0.65
3.5
0.45
12.5 max.
(12.45)*
20.2 max.
(20.0)*
0.9
0.9
0.85
0.5
10 max.
(9.9)*
0.65
12.5 max.
(12.45)*
3.2
0.45
20.2 max.
(20.0)*
3.5
0.9
0.9
0.85



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com