Electronic Components Datasheet Search
  English  ▼

X  

PA96CE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PA96CE
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA96CE Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PA96CE Datasheet HTML 1Page - List of Unclassifed Manufacturers PA96CE Datasheet HTML 2Page - List of Unclassifed Manufacturers PA96CE Datasheet HTML 3Page - List of Unclassifed Manufacturers PA96CE Datasheet HTML 4Page - List of Unclassifed Manufacturers PA96CE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PA96
4
PA96U
GENERAL
Please read Application Note 1 “General Operating Con-
siderations” which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation.Visit www.apexanalog.com for design tools that
help automate tasks such as calculations for stability, internal
power dissipation, current limit, heat sink selection, Apex Mi-
crotechnology’s Application Notes library, Technical Seminar
Workbook, and Evaluation Kits.
SPECIALPRECAUTIONS
The PA96 operates with up 300V rail to rail voltage, and
delivers amperes of current. Precautions should be taken for
the safety of the user and the amplifier.
Although the non-operating common mode input range is rail
to rail, the differential input voltage must not exceed ±15 V.
Therefore; if the feedback ratio is less than 10, even if
caused by disconnecting a signal source , typical power turn
on transients can destroy the amplifier.
Similarly in a voltage follower application a large differential
transient can be generated if the slew rate of the input is greater
than that of the voltage follower.
Therefore it is prudent to clamp the input with series back
to back diodes as shown below.
If experimentally optimizing the compensation capacitor,
turn off the supplies and let them bleed to low voltage before
installing each new value. Otherwise internal current pulses of
up to 3 amps can be induced. Also, do you want your fingers
around 300V?
Essentially the full rail to rail power supply voltage may be
applied to the compensation capacitor. A 400V COG or Mica
capacitor is recommended.
POWERBANDWIDTH
The power bandwidth is 1/(π x the negative edge slew time).
The slew time is determined by the compensation capacitor,
load, and internal device capacitance; it is independent of
closed loop gain. The uncompensated power bandwidth is
typically 100kHz for a 250Vp-p output signal into 100Ω. It typi-
cally increases to above 300KHz with no load.
COMPENSATIONTABLE
The following table tabulates recommended compensation
capacitor values vs. gain. These values will typically result in
less than 2% overshoot and a -3db small signal bandwidth of
greater than 1MHz, except under operating conditions where
uncompensated gain bandwidth is too low to support a 1MHz
bandwidth.(See gain bandwidth vs.Plus power supply curves).
Note that other factors such as capacitance in parallel with
the feedback resistor may reduce circuit bandwidth from that
determined from the gain bandwidth curve.
Cc
Inverting Gain
From
To
150pf
1
2
51pf
2
5
33pf
5
10
22pf
10
20
10pf
20
50
5pf
50
100
None
100
up
Cc
Non-Inverting Gain
From
To
330 pf
1
2
150pf
2
3
51pf
3
6
33pf
6
10
22pf
10
20
10pf
20
50
5pf
50
100
None
100
up
CURRENTLIMIT
For proper operation the current limit resistor, Rcl, must
be connected as shown in the external connections diagram.
The minimum value is 0.2Ω, with a maximum practical value
of 100Ω. For optimum reliability the resistor should be set as
high as possible.The value is calculated as I
L = 0.68V/Rcl. Note
that the 0.68V is reduced by 2mV every °C rise in temperature.
Also note that the current limit can be set such that the SOA
is exceeded on a continuous basis.As an example if the current
limit was set at 1.5A and the supply was at 150V, a short to
ground would produce 225 watts internal dissipation, greatly
exceeding the 83 watt steady state SOA rating.
Under some conditions of load and compensation the am-
plifier may oscillate at a low level when current limit is active,
even though the amplifier is stable otherwise. The current
will be limited to the programmed value in this situation. To
minimize such occurrences, use a non-reactive resistor to
program current limit.
1N4148
1N4148
1N4148
1N4148
PA96



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com