Electronic Components Datasheet Search
  English  ▼

X  

AD847 Datasheet(PDF) 7 Page - Analog Devices

Part # AD847
Description  High Speed, Low Power Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD847 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD847_15 Datasheet HTML 3Page - Analog Devices AD847_15 Datasheet HTML 4Page - Analog Devices AD847_15 Datasheet HTML 5Page - Analog Devices AD847_15 Datasheet HTML 6Page - Analog Devices AD847_15 Datasheet HTML 7Page - Analog Devices AD847_15 Datasheet HTML 8Page - Analog Devices AD847_15 Datasheet HTML 9Page - Analog Devices AD847_15 Datasheet HTML 10Page - Analog Devices AD847_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD847
REV. F
–7–
30
0
100M
15
10M
10
1M
25
20
5
INPUT FREQUENCY – Hz
R = 1k
Ω
L
Figure 14. Large Signal Frequency Response
–70
–130
100
100k
–90
–110
1k
10k
–80
–100
–120
FREQUENCY – Hz
3V RMS
R =1k
Ω
L
2ND HARMONIC
3RD HARMONIC
Figure 16. Harmonic Distortion vs. Frequency
450
150
140
300
200
–40
250
–60
400
350
120
80
60
40
100
20
0
–20
TEMPERATURE –
°C
Figure 18. Slew Rate vs. Temperature
100
0
100M
60
20
10k
40
1k
80
10M
1M
100k
FREQUENCY – Hz
V
=
±1V p-p
CM
Figure 13. Common-Mode Rejection vs. Frequency
10
–10
160
–4
–8
20
–6
0
2
–2
0
4
6
8
140
120
100
80
60
40
SETTLING TIME – ns
1%
0.1%
1%
0.1%
Figure 15. Output Swing and Error vs. Settling Time
50
0
10M
30
10
100
20
10
40
1M
100k
10k
1k
FREQUENCY – Hz
Figure 17. Input Voltage Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com