Electronic Components Datasheet Search
  English  ▼

X  

SIO7 Datasheet(PDF) 1 Page - ABCircuits

Part # SIO7
Description  Serial input/output IC for 7 bits of input and 7 bits of output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIO7 Datasheet(HTML) 1 Page - ABCircuits

  SIO7 Datasheet HTML 1Page - ABCircuits SIO7 Datasheet HTML 2Page - ABCircuits SIO7 Datasheet HTML 3Page - ABCircuits SIO7 Datasheet HTML 4Page - ABCircuits SIO7 Datasheet HTML 5Page - ABCircuits SIO7 Datasheet HTML 6Page - ABCircuits SIO7 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number 74C922-SO
Copyright © 2014 ABCircuits. Revised September 2014 Page 1 of 7
SIO7 IC
Serial input/output IC for 7 bits of input and 7 bits of
output
General Description
The SIO7 IC is designed to provide 7 bits of input and output data to connect to RS-232, USB,
Ethernet or directly to your UART. Outputs can be used to drive relays, logic, optocouplers or a
transistors. Inputs can be from switches, relay contacts, logic, optocouplers or a transistor
switched to ground. The SIO7 has internal pull resistors on the inputs to minimize additional
parts. The SIO7 IC transmits data anytime the inputs change or every of 100 mS. The serial
format to the SIO7 is standard asynchronous format, using 8 bits, 1 stop and no parity at 9600
BPS. Other formats and encoding are available, contact the factory. A .1 uF bypass capacitor is
suggested across the VDD and VSS pins. The part uses the standard 20 pin .3 inch width SOIC
package. A full duplex data channel is required, do not use RS -485 or a half duplex data channel
with this part. The SAIO7 IC may be used if your design requires a half duplex data channel.
Features
• Asynchronous serial control for 7
bits of input and 7 bits of output.
• Can connect with RS-232, USB or
Ethernet or UART.
• Inputs can be switches, relay
contacts, optocouplers, and logic.
• On chip input pull up resistors on
inputs.
• Outputs can be used to drive relays,
transistors, optocouplers, and logic.
• No external parts required.
• Low power consumption 5 mA
typical.
• Supply voltage 2.4 to 5.25 volts.
• All timing internally generated.
• TTL and CMOS compatible outputs.
• Part is in full production.
• SOIC and DIP 20 Pin Package.
• ROHS Compliant
• Low EMI
Applications
• InputOutputExpansion
• Remote control
• Process control
• Building Automation
• Off site monitoring
• Security systems
• Internet of things
• Machine control


Similar Part No. - SIO7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SIO-RTD LITTELFUSE-SIO-RTD Datasheet
147Kb / 1P
The SIO-RTD is a microprocessor-based
logo
SMSC Corporation
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000 Datasheet
202Kb / 5P
Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000-JN SMSC-SIO1000-JN Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
More results

Similar Description - SIO7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK68564 STMICROELECTRONICS-MK68564 Datasheet
464Kb / 46P
SERIAL INPUT OUTPUT
Jan-1989
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP Datasheet
290Kb / 7P
8-STAGE STATIC SHIFT REGISTER (ASYNCHRONOUS PARALLEL INPUT OF SYNCHRONOUS SERIAL INPUT SERAL INPUT/SERIAL OUTPUT)
logo
Zilog, Inc.
Z84C4206PEG ZILOG-Z84C4206PEG Datasheet
1Mb / 24P
SERIAL INPUT/OUTPUT CONTROLLER
logo
ABCircuits
SI14 ABCIRCUITS-SI14 Datasheet
222Kb / 6P
Serial Input IC For 14 Bits of Input
SIO8 ABCIRCUITS-SIO8 Datasheet
198Kb / 8P
Stand Alone UART IC 8 bits of input and 8 bits of output
SIOA7 ABCIRCUITS-SIOA7 Datasheet
219Kb / 10P
Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
Input to Output Isolation of 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
Input to Output Isolation of 1500VDC
logo
Xilinx, Inc
DS483 XILINX-DS483 Datasheet
198Kb / 5P
Configurable size of the input and output bus
logo
WAGO Kontakttechnik Gmb...
750-653-000-001 WAGO-750-653-000-001 Datasheet
519Kb / 12P
RS-485 Serial Interface; 9600 baud; Even; 7/2 bits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com