Electronic Components Datasheet Search
  English  ▼

X  

SIO8 Datasheet(PDF) 3 Page - ABCircuits

Part # SIO8
Description  Stand Alone UART IC 8 bits of input and 8 bits of output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIO8 Datasheet(HTML) 3 Page - ABCircuits

  SIO8 Datasheet HTML 1Page - ABCircuits SIO8 Datasheet HTML 2Page - ABCircuits SIO8 Datasheet HTML 3Page - ABCircuits SIO8 Datasheet HTML 4Page - ABCircuits SIO8 Datasheet HTML 5Page - ABCircuits SIO8 Datasheet HTML 6Page - ABCircuits SIO8 Datasheet HTML 7Page - ABCircuits SIO8 Datasheet HTML 8Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIO8
Copyright © 2014 ABCircuits. Revised September 2014 Page 3 of 8
INPUT A0
INPUT A6
NOTE: MODE PIN MUST BE OPEN FOR RS-485
INPUT A5
SIO8
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
IA0
NC
IA2
IA4
IA6
NC
SPD
OA5
OA3
OA1
IA7
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
SOUT-
NC
NC
OA7
SIN-
MODE
RXP
TXE
VCC
VCC
OUTPUT A2
U2
8
5
7
6
1
4
2
3
VCC
GND
-DO/-RI
DO / RI
RO
DI
-RE
DE
INPUT A1
OUTPUT A3
OUTPUT A1
U2 75176 FOR 5V
4.7K
8 BITS INPUT/OUTPUT RS-485
VCC
OUTPUT A5
INPUT A7
INPUT A4
INPUT A2
INPUT A3
OUTPUT A4
OUTPUT A0
RS485
OUTPUT A6
OUTPUT A7
U2 MAX3485 FOR 3.3V
OUTPUT A0
OUTPUT A4
INPUT A0
.1
OUTPUT A7
USB
1
2
3
4
5
CASE
INPUT A2
INPUT A5
SIO8
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
IA0
NC
IA2
IA4
IA6
NC
SPD
OA5
OA3
OA1
IA7
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
SOUT-
NC
NC
OA7
SIN-
MODE
RXP
TXE
REFER TO FT232 DATASHEET
FOR MORE DETAILS
INPUT A7
OUTPUT A3
OUTPUT A1
4.7
OUTPUT A5
8 BITS INPUT/OUTPUT USB
.01
OUTPUT A6
INPUT A4
INPUT A3
OUTPUT A2
.1
INPUT A1
BEAD
INPUT A6
FT232-SSOP
14
13
22
23
11
2
5
1
19
16
15
8
24
27
28
3
6
9
10
12
CBUS3
CBUS2
CBUS1
CBUS0
-CTS
DTR
RXD
TXD
-RST
USBM
USBP
NC
NC
OSCI
OSCO
RTS
RI
DSR
DCD
CBUS4
VCC
VCC
Connection Diagram
SIO8
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
IA0
NC
IA2
IA4
IA6
NC
SPD
OA5
OA3
OA1
IA7
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
SOUT-
NC
NC
OA7
SIN-
MODE
RXP
TXE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com