Electronic Components Datasheet Search
  English  ▼

X  

AD1833 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1833
Description  Multichannel, 24-Bit, 192 kHz, DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833 Datasheet(HTML) 3 Page - Analog Devices

  AD1833_15 Datasheet HTML 1Page - Analog Devices AD1833_15 Datasheet HTML 2Page - Analog Devices AD1833_15 Datasheet HTML 3Page - Analog Devices AD1833_15 Datasheet HTML 4Page - Analog Devices AD1833_15 Datasheet HTML 5Page - Analog Devices AD1833_15 Datasheet HTML 6Page - Analog Devices AD1833_15 Datasheet HTML 7Page - Analog Devices AD1833_15 Datasheet HTML 8Page - Analog Devices AD1833_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. A
–3–
AD1833
Parameter
Min
Typ
Max
Unit
Test Conditions
DIGITAL I/O
Input Voltage HI
3.0
V
Input Voltage LO
0.8
V
Output Voltage HI
DVDD2 – 0.4
V
Output Voltage LO
0.4
V
POWER SUPPLIES
Supply Voltage (AVDD and DVDD1)
4.5
5
5.5
V
Supply Voltage (DVDD2)
3.3
DVDD1 V
Supply Current IANALOG
38.5
42
mA
Supply Current IDIGITAL
42
48
mA
Active
2mA
Power-Down
Power Supply Rejection Ratio
1 kHz 300 mV p-p Signal at Analog Supply Pins
–60
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–50
dB
Specifications subject to change without notice.
DIGITAL TIMING
Parameter
Min
Max
Unit
Comments
MASTER CLOCK AND RESET
tML
MCLK LO (All Modes)
*
15
ns
24 MHz clock, clock doubler bypassed
tMH
MCLK HI (All Modes)
*
15
ns
24 MHz clock, clock doubler bypassed
tPDR
PD/RST LO
20
ns
SPI PORT
tCCH
CCLK HI Pulsewidth
20
ns
tCCL
CCLK LO Pulsewidth
20
ns
tCCP
CCLK Period
80
ns
tCDS
CDATA Setup Time
10
ns
To CCLK rising
tCDH
CDATA Hold Time
10
ns
From CCLK rising
tCLS
CLATCH Setup
10
ns
To CCLK rising
tCLH
CLATCH Hold
10
ns
From CCLK rising
DAC SERIAL PORT
tDBH
BCLK HI
15
ns
tDBL
BCLK LO
15
ns
tDLS
L/RCLK Setup
10
ns
To BCLK rising
tDLH
L/RCLK Hold
10
ns
From BCLK rising
tDDS
SDATA Setup
10
ns
To BCLK rising
tDDH
SDATA Hold
15
ns
From BCLK rising
TDM MODE MASTER
tTMBD
BCLKTDM Delay
20
ns
From MCLK rising
tTMFSD
FSTDM Delay
10
ns
From BCLKTDM rising
tTMDDS
SDIN1 Setup
15
ns
To BCLKTDM falling
tTMDDH
SDIN1 Hold
15
ns
From BCLKTDM falling
AUXILIARY INTERFACE
tAXLRD
L/RCLK Delay
10
ns
From BCLK falling
tAXDD
Data Delay
10
ns
From BCLK falling
tAXBD
AUXBCLK Delay
20
ns
From MCLK rising
*MCLK symmetry must be better than 60:40 or 40:60.
Specifications subject to change without notice.
(Guaranteed over –40 C to +85 C, AVDD = DVDD = 5 V
10%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com