Electronic Components Datasheet Search
  English  ▼

X  

395029 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 395029
Description  20 Forge Park, Franklin, Ma 02038 Phone: 508-541-7100 Fax: 508-541-8122
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

395029 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  395029 Datasheet HTML 1Page - General Cable Technologies Corporation 395029 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
E
V
DATE
CHANGE DETAIL
General Cable
20 Forge Park, Franklin, Ma 02038
Phone: 508-541-7100 Fax: 508-541-8122
B-7731A / CS-5906
I
09/17/12
Added ROHS to legend-DB
H 07/12/11
Revise from UL to ETL / GT
G 01/20/11
Edit print , Wgt& dia from .405 to .400 / GT
Title:
395029
F
11/01/10
Chg print from HHT to GCC/GT
E
7/27/06
Changed RL from Min to Nom. - TG
Description:
14 AWG – Dual Shielded –RG-11/U Type
Precision SD Coaxial Cable
D 8/19/05
Update Spec to New Format - RZ
C
09/29/03
Edit print legend / GT
Eng Approval:
GT
B
02/20/03
Revise spec to new format / GT
Mktg Approval:
A 10/30/01
Initial Release
Final Approval:
PAGE 1 of 2
General Cable reserves the right to modify this information without prior notification and does not make a warranty or representation of any kind, whether implied or expressed with respect to the information contained
herein. General Cable assumes no risks, and will not be liable for direct or indirect, special; incidental or consequential damages, any defect or personal injury resulting from the use of this document.
Product Specification for a 75 Ω Extended Distance Precision Coaxial Cable RG-11/U Type, Also Used For Local Area
Network, Digital and Analog Interconnects, CATV/MATV and Video Application Riser Rated Cable.
Description:
1/C 14 AWG Solid Bare Copper, Gas Injected Foam Polyethylene Insulation, Dual Shielded with Bonded
Aluminum/Polyester/Aluminum Tape, Tinned Copper Braid Shield and Flame Retardant PVC Jacket.
A.
Construction:
1.0
Conductor:
14 AWG Solid Bare Copper; OD: .064" Nom.
2.0
Insulation:
.110” Wall; Gas Injected Foam Polyethylene; OD: .280" Nom.
3.0
Shield #1:
Aluminum/Polyester/Aluminum, Bonded; 100% Coverage
4.0
Shield #2:
34 AWG Tinned Copper Braid; 95% Nom. Coverage
5.0
Jacket:
.044” Wall Flame Retardant PVC; Color: See Table – 1-
OD: .400" Nom.
6.0
Marking
Surface Printed:
GENERAL CABLE (F) P/N 395029 – RG11/U TYPE 75 OHM PRECISION COAXIAL CABLE
-- 3.0 GHZ -- 14 AWG 75C CL2R (ETL) OR CMR c(ETL)us 3084997 – ROHS--MADE IN USA
AAAAA MM/YY
XXXXFT
AAAAA: Mfg. job number for traceability
MM/YY: Date of Mfg.
XXXXXXFT: Indicates Sequential Footage Every Two Feet.
B.
Electrical and Physical Characteristics:
1.0
Impedance:
75 Ω +/- 3 Ω
2.0
Capacitance:
16.2 pF/ft Nom.
3.0
Velocity of Propagation:
84% Nom
4.0
Conductor DCR:
2.58 Ω/kft Nom.
5.0
Shield DCR:
1.50 Ω/kft Nom.
6.0
Inductance:
.097 µH/ft
7.0
Time Delay:
1.21 ns/ft
8.0
SRL:
23dB Nom. up to 850 MHz.
20dB Nom. 850 MHz to 3.0 GHz.


Similar Part No. - 395029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39502-1002 MOLEX11-39502-1002 Datasheet
41Kb / 1P
3.50mm Pitch Eurostyle Horizontal PCB Header, 2 Circuits
39502-1003 MOLEX11-39502-1003 Datasheet
41Kb / 1P
3.50mm Pitch Eurostyle Horizontal PCB Header, 3 Circuits
39502-1004 MOLEX11-39502-1004 Datasheet
41Kb / 1P
3.50mm Pitch Eurostyle Horizontal PCB Header, 4 Circuits
39502-1005 MOLEX11-39502-1005 Datasheet
41Kb / 1P
3.50mm Pitch Eurostyle Horizontal PCB Header, 5 Circuits
39502-1006 MOLEX11-39502-1006 Datasheet
41Kb / 1P
3.50mm Pitch Eurostyle Horizontal PCB Header, 6 Circuits
More results

Similar Description - 395029

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VI-508-DP VARITRONIX-VI-508-DP Datasheet
36Kb / 1P
VI-508-DP
logo
Molex Electronics Ltd.
0459120007 MOLEX6-0459120007 Datasheet
297Kb / 5P
12.90mm (.508") Pitch EXTreme PowerEdge?
logo
General Cable Technolog...
495027 GENERAL-495027 Datasheet
64Kb / 2P
20 Forge Park, Franklin, Ma 02038
logo
Varitronix internationa...
VI-508 VARITRONIX-VI-508 Datasheet
25Kb / 1P
VI-508
logo
List of Unclassifed Man...
VCFN12GE ETC2-VCFN12GE Datasheet
651Kb / 4P
UL 508 Motor Disconnect Switches
logo
General Cable Technolog...
DBRF400 GENERAL-DBRF400 Datasheet
68Kb / 2P
20 Forge Park, Franklin, Ma 02038 Phone: 508-541-7100 Fax: 508-541-8122
logo
PHOENIX CONTACT
5441812 PHOENIX-5441812 Datasheet
60Kb / 2P
BCP-508- 9 BK VPE250
5435909 PHOENIX-5435909 Datasheet
63Kb / 3P
Printed-circuit board connector - BCP-508-20 GY
5448763 PHOENIX-5448763 Datasheet
73Kb / 4P
Printed-circuit board connector - BCP-508-20 GN
5452251 PHOENIX-5452251 Datasheet
94Kb / 5P
Printed-circuit board connector - BCP-508-20 BK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com