Electronic Components Datasheet Search
  English  ▼

X  

C1802 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C1802
Description  2C 14 AWG (105/34) OFHC BC PP, PVC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C1802 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C1802 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A.
B.
C.
D.
E.
1
2
Signature:
Date:
CUSTOMER APPROVAL
COLOR
BLACK
RED
COLOR CODE
National Electrical Code
Article 725
UL Standard 444
Type CL3
Type AWM I/II A/B
Mutual Capacitance:
23.8pF/ft @ 1kHz (nom)
-20°C to +80°C
600V Max
2.62 Ohms/M' @ 20°C (nom)
Item
Conductor DCR:
11/19/2012
CAROL ® -- C1802 -- COMMAND OFHC HD 14AWG 2C ROHS -- 75C E60233-8 (UL)
CL3 -- LL69381 CSA AWM I/II A/B 80C 600V FT4 -- MADE IN USA
(Date code) (Seq Footage)
.030" Polyvinyl Chloride (PVC)
Conductor:
Insulation:
Cable Core:
.244" nom
.009" Wall, Polypropylene (PP)
2C @ 6.00" LHL
DIAMETERS
.074" nom
.092" nom
.184" nom
CSA International
Temperature:
Suggested Working Voltage:
Revision Level:
Product Data Sheet
INDUSTRY APPROVALS
ELECTRICAL PROPERTIES
Part Number:
C1802
14 AWG 105/34 BC
CONSTRUCTION
Jacket:
Print Legend:
2C 14 AWG (105/34) OFHC BC PP, PVC
COMMAND ® SERIES
Note: Data subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C1802

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C180 NJSEMI-C180 Datasheet
121Kb / 2P
High Power Silicon Controlled Rectifier
logo
ORION FANS
C180 ORIONFANS-C180 Datasheet
151Kb / 1P
FAN CORDS
11/22/2022
logo
Cooper Bussmann, Inc.
C180-10A COOPER-C180-10A Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
ORION FANS
C180-12 ORIONFANS-C180-12 Datasheet
151Kb / 1P
FAN CORDS
11/22/2022
C180-12EURO ORIONFANS-C180-12EURO Datasheet
151Kb / 1P
FAN CORDS
11/22/2022
More results

Similar Description - C1802

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4347A GENERAL-C4347A Datasheet
211Kb / 1P
2C 14 AWG Solid BC OAS PVC / PVC Fire Alarm / Life Safety Cable
C7108A GENERAL-C7108A Datasheet
72Kb / 1P
1C 14 AWG 105/34 TC
C1804 GENERAL-C1804 Datasheet
60Kb / 1P
2C 16 AWG (65/34) OFHC BC PP, PVC COMMAND SERIES
E1000S GENERAL-E1000S Datasheet
73Kb / 1P
2C 22 SOLID BC SR-PVC PVC
10/29/2007
E1052S GENERAL-E1052S Datasheet
73Kb / 1P
2C 14 19/0.0147 BC SR-PVC PVC Sound, Alarm & Security Cable
E2242S GENERAL-E2242S Datasheet
58Kb / 1P
2C 16 AWG 19/.0117 BC OAS PVC / PVC
E3052S GENERAL-E3052S Datasheet
57Kb / 1P
2C 14 AWG 19/.0147 BC PVC / PVC
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
E3612S GENERAL-E3612S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC OAS PVC / PVC
C1356 GENERAL-C1356 Datasheet
57Kb / 1P
2C 24 AWG 7/32 TC BC PVC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com