Electronic Components Datasheet Search
  English  ▼

X  

ILC811 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC811
Description  MICROPROCESSOR RESET CIRCUITS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC811 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC811 Datasheet HTML 1Page - Impala Linear Corporation ILC811 Datasheet HTML 2Page - Impala Linear Corporation ILC811 Datasheet HTML 3Page - Impala Linear Corporation ILC811 Datasheet HTML 4Page - Impala Linear Corporation ILC811 Datasheet HTML 5Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Microprocessor Reset Circuits
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
Sept 1999
ILC811/812 1.3
Preliminary
Parameter
Symbol
Ratings
Units
Terminal Voltage
VCC
-0.3 to 6.0
V
MR
-0.3 to (VCC + 0.3)
V
Input Current
VCC, MR
20
mA
Output Current
RESET, RESET
20
mA
Rate of Rise
VCC
100
V/
µs
Operating Temperature Range
TA
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Lead Temperature (Soldering - 10 sec.)
300
°C
Power Dissipation (TA = +70°C)
320
mW
Stresses above those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliabil-
ity. Operating ranges define those limits between which the functionality of the device is guaranteed.
VCC = 5V for ILC81_L/M/J, VCC = 3.3V for ILC81_S/T, VCC = 3V for ILC81_R, TA = Operating Temperature Range, unless
otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage Range, VCC
TA = 0°C to 70°C
TA = -40°C to 85°C
1.4
1.6
5.5
5.5
V
Supply Current, ICC
ILC811L/M/J, ILC812L/M/J
VCC < 3.6V, ILC811R/S/T, ILC812R/S/T
9
6
15
10
µA
Reset Voltage Threshold, VTH
ILC811L, ILC812L
ILC811M, ILC812M
ILC811J, ILC812J
ILC811T, ILC812T
ILC811S, ILC812S
ILC811R, ILC812R
4.50
4.25
3.89
3.00
2.85
2.55
4.63
4.38
4.00
3.08
2.93
2.63
4.75
4.50
4.10
3.15
3.00
2.70
V
Reset Timeout Period, tR
140
240
560
ms
RESET Output Voltage, VOH
ISOURCE = 800
µA, ILC811L/M/J
ISOURCE = 500
µA, ILC811R/S/T
VCC – 1.5
0.8 x VCC
V
RESET Output Voltage, VOL
VCC = VTH Min., ISINK = 3.2mA, ILC811L/M/J
VCC = VTH Min., ISINK = 1.2mA, ILC811R/S/T
VCC > 1.4V, ISINK = 50
µA, TA = 0°C to 70°C
VCC > 1.6V, ISINK = 50
µA, TA = -40°C to 85°C
0.4
0.3
0.3
0.3
V
RESET Output Voltage, VOH
1.8V < VCC < VTH Min., ISOURCE= 150
µA
0.8 x VCC
V
RESET Output Voltage, VOL
ISINK = 3.2mA, ILC812L/M/J
ISINK = 1.2mA, ILC812R/S/T
0.4
0.3
V
MR Minimum Pulse Width
10
µs
MR to Reset Delay
0.5
µs
MR Input Threshold, VIH
VCC > VTH Max., ILC81_L/M/J
ILC81_R/S/T
2.3
0.7 x VCC
V
MR Input Threshold, VIL
VCC > VTH Max., ILC81_L/M/J
ILC81_R/S/T
0.8
0.25 x
VCC
V
MR Pull-Up Resistance
10
20
30
k
Ω
MR Glitch Immunity
100
ns
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com