Electronic Components Datasheet Search
  English  ▼

X  

1821 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 1821
Description  Drywall Punch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1821 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  1821 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1821 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1821 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1821 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1821 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1821 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1821 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1821 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Complete Tool
Preset Strip Lengths (inches)
Strip Types
P/N 1255 - RG58/59/62 cable
.315 OJ, .157 ID
2- or 3-level
P/N 1256 - RG8/11/213
.315 OJ, .157 ID
2- or 3-level
P/N 1258 - RG178, 735A,
.344 OJ, .094 ID
2- or 3-level
Belden 8218 & other small cable
P/N 1257 - RG59/6/6 Quad
.236 OJ
2-level - preset for CATV “F”
Note: OJ = outer jacket
ID = inner dielectric
CST Series Coax Strippers – are designed for the professional and are the standard for the broadcast industry. Blade cassettes
and memory blocks interchange quickly & easily to change from one application to another. Cam adjustment ensures precise
hold on cable without distorting jacket.
Complete Tool
Cassette Only
Preset Strip Lengths (inches)
Common Uses
P/N 1240 - CST Green
2240
.279 braid; .201 dielectric
Common 2- & 3-piece BNC/TNC
P/N 1241 - CST Blue
2241
.256 braid/dielectric
CATV “F” connectors
P/N 1247 - CST Orange
2247
.327 braid; .146 dielectric
Kings, Amphenol HDTV connectors
P/N 1248 - CST Black
2248
.344 braid; .094 dielectric
ADC, Amphenol HDTV connectors
P/N 1245 - CST Frame pre-set for Belden 179DT
P/N 2245 - Memory cartridge only
LC CST Series Coax Strippers – combine high-performance and ergonomic design at an affordable price. Easily remove the
outer jacket, shield braid and inner dielectric in a single step. Pre-set strip lengths for common connectors.
1248
1255
GripP Strippers – combine ergonomics & versatility! Head of tool and handles
designed at optimum angle to prevent awkward wrist bends. Precision ground for
non-scoring strips and smooth wire cuts. Works with solid or stranded wire.
Features screw cutter, built-in wire loops and gripping jaws.
P/N 1117 - 22-10 AWG including Romex® (.34–6 mm
2
)
P/N 1118 - 30-20 AWG (.05–.5 mm
2
)
Data SureStrip® adjustable cutter/stripper for round UTP/
STP voice and data cables as well as flat satin phone cable.
Easily change cutting depth with thumb screw adjustment.
P/N 1116
SureStrip™ for Smart Home Installations
professional all-in-one cutter/stripper for coax &
twisted pair cables. Coax pre-set for 2-level
compression “F”, RCA & BNC & hex crimp cable
TV “F” strips. Thumb screw adjusts stripping
blade depth for UTP/STP insulations.
Blade self-regulates to prevent nicks.
P/N 1119
1117
1116
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com