Electronic Components Datasheet Search
  English  ▼

X  

AD1868 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1868
Description  Single Supply Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1868 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1868 Datasheet HTML 4Page - Analog Devices AD1868 Datasheet HTML 5Page - Analog Devices AD1868 Datasheet HTML 6Page - Analog Devices AD1868 Datasheet HTML 7Page - Analog Devices AD1868 Datasheet HTML 8Page - Analog Devices AD1868 Datasheet HTML 9Page - Analog Devices AD1868 Datasheet HTML 10Page - Analog Devices AD1868 Datasheet HTML 11Page - Analog Devices AD1868 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD1868
REV. A
–11–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VOLTAGE
REFERENCE
INPUT
&
DIGITAL
OFFSET
AD1862
–VS
CLK
LE
DATA
AGND
RF
TRIM
NR2
ADJ
NR1
IOUT
DGND
20-BIT
DAC
–VS
+VL
–VL
+VS
AD1862 20-Bit, Low Noise Audio DAC
110 dB SNR Minimum
THD+N = 0.0019% (typical)
±1 dB Gain Linearity
16-Pin Plastic DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com