Electronic Components Datasheet Search
  English  ▼

X  

HF115F-A/024-1DS1AF Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF115F-A/024-1DS1AF
Description  MINIATURE HIGH POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF115F-A/024-1DS1AF Datasheet(HTML) 3 Page - Hongfa Technology

  HF115F-A/024-1DS1AF Datasheet HTML 1Page - Hongfa Technology HF115F-A/024-1DS1AF Datasheet HTML 2Page - Hongfa Technology HF115F-A/024-1DS1AF Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fcm]f[cg_l
Ub_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs5 T__ ni ,U_lgchifias [h^ Ioc^_fch_m, `il gil_ ch`ilg[ncih5 Tj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_5
X_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih5 Ubom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih5 K` nb_l_ cm [hs ko_ls3 jf_[m_ ]ihn[]n Jiha`[ `il nb_ n_]bhc][f m_lpc]_5 Jiq_p_l3 cn cm nb_ om_lwm
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs5
u Yc[g_h Jiha`[ Gf_]nli[]iomnc] Ei53 Mn^5 Cff lcabnm i` Jiha`[ [l_ l_m_lp_^5
8<;
/Dinnig pc_q0
JH88<H4C6 zzz 4zz 4z 4869 4zz3 :5<6<gg Qchhcha3 8 Qif_3 89C
JH88<H4C6 zzz 4zz 4z 4: 4zz3 <gg Qchhcha3 8 Qif_3 8=C
JH88<H4C6 zzz 4zz 4z 4; 4zz3 <gg Qchhcha3 9 Qif_3 ?C
8 Hilg C
8 Hilg D
8 Hilg E
8 Hilg D
8 Hilg E
9 Hilg D
9 Hilg E
8 Hilg C
9 Hilg C
NCYKNVN TXKUEJKOI QPXGS
GOFVSCOEG EVSWG
EPKM PQGSCUKOI SCOIG /CE0 1
S_]igg_h^_^
pifn[a_
@TXNW4
80 Eolp_ CA 9J;D nsj_
Eolp_ DA 8J8D nsj_ /il 8J9D nsj_0
Eolp_ EA 8J:D nsj_
90 U_mn ]ih^cncihmA
OP3 S_mcmncp_ fi[^3 9<7WCE3
Hfor jlii`_^3 Siig n_gj53 8m ih @m i``5
AFE>=@9 8=?9@D=A@D, H=C=@; 8=5;C5? 5@8 B7 6A5C8 >5IAFE
VhcnA gg
Xclcha Fc[al[g
7<5C57E9C=DE=7 7FCG9D
@TXNW4 +
Ub_ om_ i` [ l_f[s qcnb [h _h_lacmcha
pifn[a_ inb_l nb[h nb_ l[n_^ ]icf
pifn[a_ g[s f_[^ ni l_^o]_^
_f_]nlc][f fc`_5
Ch _h_lacmcha pifn[a_ ip_l nb_
[\p_l l[ha_ g[s ^[g[a_ nb_
chmof[ncih i` l_f[s ]icf5
959
957
85?
85=
85;
859
857
75?
75=
7
297
2;7
2=7
2?7
2877
7C
89C
8=C
Eihn[]n Wifn[a_ /W0
Dl_[echa E[j[]cns/eWC0
Cg\c_hn n_gj_l[nol_ /
i
E0
758
87
<7
877
977
<77
FE
75<
8
87
<
:7
CE
97
:7 ;7
:77 ;77
D
E
C
877
87
8
7
75;
75? 859
85=
957
95;
95?
:59
:5=
;57



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com