Electronic Components Datasheet Search
  English  ▼

X  

RG727 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RG727
Description  Nylon-Insulated Ring Terminals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RG727 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RG727 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nylon-Insulated Ring Terminals
Terminal Products and Tools
*Brazed Seam
AN=Aircraft Wire
PKG.
WIRE
MAX.
BOLT
REC.
DIMENSIONS (IN.)
STOCK
CAT. NO.
QTY.
RANGE
INS.
HOLE
TOOL
AB
C
M
THICK.
RD167
200
8
.340
#8
1.48 .42 .28 1.29
RD8-10
25
8
.340
#10
1.48 .42 .28 1.29
RD367
200
8
.340
#10
1.48 .42 .28 1.29
RD8-14
25
8
.340
1
⁄4"
1.54 .46 .36 1.32
RD717
200
8
.340
1
⁄4"
ERG2007 1.54 .46 .36 1.32
.04
RD8-516
25
8
.340
5
⁄16"
1.63 .57 .36 1.35
RD727
200
8
.340
5
⁄16"
1.63 .57 .36 1.35
RD8-38
25
8
.340
3
⁄8"
1.63 .57 .36 1.35
RD737
200
8
.340
3
⁄8"
1.63 .57 .36 1.35
RD8-12
25
8
.310
1
⁄2"
1.79 .82 .55 1.39
RD757*
200
8
.310
1
⁄2"
TBM6S
1.79 .82 .55 1.39
RD10161
200
8AN
.270
#8
1.40 .41 .24 1.20
RD10361
200
8AN
.270
#10
1.40 .41 .24 1.20
RD10711
200
8AN
.270
1
⁄4"
ERG2007 1.45 .45 .27 1.22
.04
RD10721
200
8AN
.270
5
⁄16"
1.53 .56 .34 1.25
RD10731
200
8AN
.270
3
⁄8"
1.53 .56 .34 1.25
RE6-10
20
6
.420
#10
1.65 .49 .28 1.40
RE267
200
6
.420
#10
1.65 .49 .28 1.40
RE6-14
20
6
.420
1
⁄4"
1.65 .49 .28 1.40
RE717
200
6
.420
1
⁄4"
1.65 .49 .28 1.40
RE6-516
20
6
.420
5
⁄16"
ERG2007 1.76 .61 .34 1.47
.04
RE727
200
6
.420
5
⁄16"
1.76 .61 .34 1.47
RE6-38
20
6
.420
3
⁄8"
1.76 .61 .34 1.47
RE737
200
6
.420
3
⁄8"
1.76 .61 .34 1.47
RE6-12
20
6
.395
1
⁄2"
1.83 .82 .55 1.43
RE757*
200
6
.395
1
⁄2"
TBM6S
1.83 .82 .55 1.43
RE10261
200
6AN
.315
#10
1.55 .49 .24 1.31
RE10711
200
6AN
.315
1
⁄4"
1.55 .49 .27 1.31
RE10721
200
6AN
.315
5
⁄16"
ERG2007 1.70 .60 .34 1.40
.04
RE10731
200
6AN
.315
3
⁄8"
1.70 .60 .34 1.40
RF4-10
15
4
.510
#10
1.76 .56 .36 1.49
RF267
100
4
.510
#10
1.76 .56 .36 1.49
RF4-14
15
4
.510
1
⁄4"
1.76 .56 .36 1.49
RF717
100
4
.510
1
⁄4"
1.76 .56 .36 1.49
RF4-516
15
4
.510
5
⁄16"
1.84 .62 .35 1.53
RF727
100
4
.510
5
⁄16"
1.84 .62 .35 1.53
RF4-38
15
4
.510
3
⁄8"
1.84 .62 .35 1.53
RF737
100
4
.510
3
⁄8"
1.84 .62 .35 1.53
RF757*
100
4
.500
1
⁄2"
1.90 .82 .55 1.49
RF10261
100
4AN
.380
#10
1.78 .55 .30 1.51
RF10711
100
4AN
.380
1
⁄4"
TBM6S
1.78 .55 .30 1.51
.04
RF10721
100
4AN
.380
5
⁄16"
1.80 .62 .34 1.49
RF10731
100
4AN
.380
3
⁄8"
TBM6S
1.80 .82 .34 1.49
.04
PKG.
WIRE
MAX.
BOLT
REC.
DIMENSIONS (IN.)
STOCK
CAT. NO.
QTY.
RANGE
INS.
HOLE
TOOL
A
B
C
M
THICK.
RG2-10
10
2
.588
#10
2.15 .69 .40 1.83
RG267
50
2
.588
#10
2.15 .69 .40 1.83
RG2-14
10
2
.588
1
⁄4"
2.15 .69 .40 1.83
RG717
50
2
.588
1
⁄4"
2.15 .69 .40 1.83
RG2-516
10
2
.588
5
⁄16"
TBM6S
2.15 .69 .40 1.83
.05*
RG727
50
2
.588
5
⁄16"
2.15 .69 .40 1.83
RG2-38
10
2
.588
3
⁄8"
2.15 .69 .40 1.83
RG737
50
2
.588
3
⁄8"
2.15 .69 .40 1.83
RG2-12
10
2
.588
1
⁄2"
2.35 .80 .49 1.93
RG757
50
2
.588
1
⁄2"
2.35 .80 .49 1.93
RG9711
50
2AN
453
1
⁄4"
2.07 .69 .40 1.74
RG9731
50
2AN
.453
3
⁄8"
TBM6S
2.07 .69 .40 1.74
.05*
RG9751
50
2AN
.453
1
⁄2"
2.26 .80 .49 1.84
RH717
50
1/0
.629
1
⁄4"
2.14 .77 .43 1.81
RH727
50
1/0
.629
5
⁄16"
2.14 .77 .43 1.81
RH737
50
1/0
.629
3
⁄8"
TBM6S
2.14 .77 .43 1.81
.05
RH757
50
1/0
.629
1
⁄2"
2.34 .77 .54 1.90
RH9711
50
1AN
.500
1
⁄4"
2.14 .77 .44 1.81
RH9731
50
1AN
.500
3
⁄8"
TBM6S
2.14 .77 .44 1.81
.05
RH9751
50
1AN
.500
1
⁄2"
2.34 .77 .54 1.90
RJ717
100
2/0
.675
1
⁄4"
2.34 .83 .46 1.96
RJ727
100
2/0
.675
5
⁄16"
2.34 .83 .46 1.96
RJ737
100
2/0
.675
3
⁄8"
TBM6S
2.34 .83 .46 1.96
.06
RJ757
100
2/0
.675
1
⁄2"
2.48 .89 .54 2.03
RJ9711
50
1/0AN
.550
1
⁄4"
2.35 .83 .46 1.97
RJ9731
50
1/0AN
.550
3
⁄8"
TBM6S
2.35 .83 .46 1.97
.06
RJ9751
50
1/0AN
.550
1
⁄2"
2.49 .89 .55 2.04
RK717
25
3/0
.765
1
⁄4"
2.60 .93 .54 2.21
RK727
25
3/0
.765
5
⁄16"
TBM6S
2.60 .93 .54 2.21
.06
RK737
25
3/0
.765
3
⁄8"
2.60 .93 .54 2.21
RK9731
100
2/0AN
.610
3
⁄8"
2.52 .93 .55 2.14
RK9751
100
2/0AN
.610
1
⁄2"
TBM6S
2.60 .93 .55 2.15
.06
RL737
25
4/0
.785
3
⁄8"
2.83 1.04 .57 2.35
RL757
25
4/0
.785
1
⁄2"
TBM6S
2.83 1.04 .57 2.35
.07
RL9731
25
3/0AN
.680
3
⁄8"
2.83 1.04 .57 2.36
RL9751
25
3/0AN
.680
1
⁄2"
TBM6S
2.83 1.04 .57 2.36
.07
RM737
20
250MCM .868
3
⁄8"
3.00 1.13 .65 2.51
RM747
20
250MCM .868
7
⁄16"
TBM6S
3.00 1.13 .65 2.51
.07
RM757
20
250MCM .868
1
⁄2"
3.00 1.13 .65 2.51
RM9731
20
4/0AN
.750
3
⁄8"
3.00 1.13 .66 2.51
RM9751
20
4/0AN
.750
1
⁄2"
TBM6S
3.00 1.13 .66 2.51
.07
ERG2007
TBM6S
.04
.05
.06
.07
TBM6S
ERG2007
ERG2007
TBM6S
ERG2007
TBM6S
Nylon-Insulated Large Ring Terminals
F-6
United States
Tel: 901.252.8000
800.816.7809
Fax: 901.252.1354
Canada
Tel: 450.347.5318
Fax: 450.347.1976
Technical Services
Tel: 888.862.3289
www.tnb.com
tnb06_wrtrm_secf_p06_07
8/9/07
1:24 PM
Page F-6


Similar Part No. - RG727

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG71B-U PASTERNACK-RG71B-U Datasheet
314Kb / 3P
93 Ohm Flexible RG71 COAX Cable Double Shielded with Black PE Jacket
logo
List of Unclassifed Man...
RG750-10-6 ETC2-RG750-10-6 Datasheet
81Kb / 2P
Heyco Rubber Grommets
RG750-16-5 ETC2-RG750-16-5 Datasheet
81Kb / 2P
Heyco Rubber Grommets
logo
Inchange Semiconductor ...
RG7PSH73K10 ISC-RG7PSH73K10 Datasheet
289Kb / 2P
IGBT
More results

Similar Description - RG727

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0045 MOLEXKITS-76650-0045 Datasheet
38Kb / 2P
.250Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
76650-0046 MOLEXKITS-76650-0046 Datasheet
38Kb / 2P
.187 Tab Size Nylon Insulated and Fully Insulated Quick Disconnect Solderless Terminals
76650-0047 MOLEXKITS-76650-0047 Datasheet
38Kb / 2P
Nylon Insulated Butt Splice Solderless Terminals
logo
PANDUIT CORP.
PN18-4R PANDUIT-PN18-4R Datasheet
169Kb / 1P
3PC. NYLON INSULATED 22-18 BARREL, RING TERMINALS
PN12-38HDR-L PANDUIT-PN12-38HDR-L Datasheet
393Kb / 1P
RING TERMINALS 3 PC, NYLON INSULATED, HEAVY DUTY
logo
List of Unclassifed Man...
RB14-8FL ETC2-RB14-8FL Datasheet
402Kb / 1P
Nylon-Insulated Fork Terminals
logo
PANDUIT CORP.
PV12-10HDR-D PANDUIT-PV12-10HDR-D Datasheet
381Kb / 1P
RING TERMINALS, VINYL INSULATED, HEAVY DUTY
logo
Molex Electronics Ltd.
64001-7770 MOLEX11-64001-7770 Datasheet
29Kb / 1P
Crimp Tool Kit for 6 AWG Insulated Ring Terminals
0640017970 MOLEX11-0640017970 Datasheet
27Kb / 1P
Hand Crimp Tool for 2 AWG Insulated Ring Terminals
logo
PANDUIT CORP.
PN18-10R-C PANDUIT-PN18-10R-C Datasheet
75Kb / 1P
Ring Terminal, Nylon Insulated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com