Electronic Components Datasheet Search
  English  ▼

X  

B32632 Datasheet(PDF) 17 Page - TDK Electronics

Part # B32632
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32632 Datasheet(HTML) 17 Page - TDK Electronics

Back Button B32632 Datasheet HTML 13Page - TDK Electronics B32632 Datasheet HTML 14Page - TDK Electronics B32632 Datasheet HTML 15Page - TDK Electronics B32632 Datasheet HTML 16Page - TDK Electronics B32632 Datasheet HTML 17Page - TDK Electronics B32632 Datasheet HTML 18Page - TDK Electronics B32632 Datasheet HTML 19Page - TDK Electronics B32632 Datasheet HTML 20Page - TDK Electronics B32632 Datasheet HTML 21Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA
≤90 °C)
For TA >90
°C, please refer to "General technical information", section 3.2.3.
Lead spacing 22.5 mm
2500 V DC/750 V AC
3000 V DC/750 V AC
B32633
Very high pulse (wound)
Page 17 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com