Electronic Components Datasheet Search
  English  ▼

X  

SS220 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SS220
Description  2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SS220 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SS220 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SS220 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
VOLTAGE RANGE
20 to 100 Volts
CURRENT
2.0 Amperes
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Low forward voltage drop
Dimensions in inches and (millimeters)
.106(2.7)
.098(2.5)
.144(3.65)
.136(3.45)
.007(0.17)
.005(0.13)
.067(1.7)
.059(1.5)
.033(0.85)
.022(0.55)
.051(1.3)
.043(1.1)
.037(0.95)
.033(0.85)
SS220 THRU SS2100
SS
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
Typical Thermal Resistance R JA (Note 2)
Operating
Storage Temperature Range TSTG
Temperature Range TJ
SS220 SS230 SS240 SS250 SS260 SS280 SS2100 UNITS
20
30
40
50
60
80
100
V
20
30
40
50
60
80
100
V
14
21
28
35
42
56
70
V
A
A
2.0
50
V
mA
mA
pF
0.5
10
80
-65
+150
0.55
0.70
170
0.70
0.85
C
C/W
-65
+150
C
at TL=100 C
402


Similar Part No. - SS220

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SS220 GXELECTRONICS-SS220 Datasheet
335Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFLER
logo
Nanjing International G...
SS220 DGNJDZ-SS220 Datasheet
182Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jing Heng Electro...
SS220 JINGHENG-SS220 Datasheet
46Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dongguan City Niuhang E...
SS220 NIUHANG-SS220 Datasheet
14Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
SS220 CHONGQING-SS220 Datasheet
179Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS220

ManufacturerPart #DatasheetDescription
logo
Bytes
SM220B BYTES-SM220B Datasheet
153Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM220AF SECOS-SM220AF_15 Datasheet
237Kb / 2P
2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS22A DGNJDZ-SS22A Datasheet
160Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS28F-80V-SMAF DGNJDZ-SS28F-80V-SMAF Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A-150V-SMAF DGNJDZ-SS215A-150V-SMAF Datasheet
117Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AA DGNJDZ-SS220-200V-DO-214AA Datasheet
161Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AC DGNJDZ-SS220-200V-DO-214AC Datasheet
132Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK22-2A-DO-214AA DGNJDZ-SK22-2A-DO-214AA Datasheet
131Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK22 BYTESONIC-SK22 Datasheet
649Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/5/23
SK22 BYTESONIC-SK22_V02 Datasheet
249Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2018/8/9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com