| Electronic Components Datasheet Search |
|
PA28F016SC-95 Datasheet(PDF) 21 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PA28F016SC-95 Datasheet(HTML) 21 Page - Intel Corporation |
|
21 / 42 page ![]() E BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY 21 PRELIMINARY Table 7. Status Register Definition WSMS ESS ECLBS PSLBS VPPS PSS DPS R 7 654 321 0 NOTES: SR.7 = WRITE STATE MACHINE STATUS 1 = Ready 0 = Busy Check RY/BY# or SR.7 to determine block erase, program, or lock-bit configuration completion. SR.6–0 are invalid while SR.7 = “0.” SR.6 = ERASE SUSPEND STATUS 1 = Block Erase Suspended 0 = Block Erase in Progress/Completed SR.5 = ERASE AND CLEAR LOCK-BITS STATUS 1 = Error in Block Erasure or Clear Lock-Bits 0 = Successful Block Erase or Clear Lock-Bits If both SR.5 and SR.4 are “1”s after a block erase or lock-bit configuration attempt, an improper command sequence was entered. SR.4 = PROGRAM AND SET LOCK-BIT STATUS 1 = Error in Program or Set Master/Block Lock-Bit 0 = Successful Program or Set Master/Block Lock-Bit SR.3 = VPP STATUS 1 = VPP Low Detect, Operation Abort 0 = VPP OK SR.3 does not provide a continuous indication of VPP level. The WSM interrogates and indicates the VPP level only after a block erase, program, or lock- bit configuration operation. SR.3 is not guaranteed to reports accurate feedback only when VPP ≠ VPPH1/2/3. SR.2 = PROGRAM SUSPEND STATUS 1 = Program Suspended 0 = Program in Progress/Completed SR.1 = DEVICE PROTECT STATUS 1 = Master Lock-Bit, Block Lock-Bit and/or RP# Lock Detected, Operation Abort 0 = Unlock SR.1 does not provide a continuous indication of master and block lock-bit values. The WSM interrogates the master lock-bit, block lock-bit, and RP# only after a block erase, program, or lock-bit configuration operation. It informs the system, depending on the attempted operation, if the block lock-bit is set, master lock-bit is set, and/or RP# ≠ VHH. SR.0 = RESERVED FOR FUTURE ENHANCEMENTS SR.0 is reserved for future use and should be masked out when polling the status register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |