Electronic Components Datasheet Search
  English  ▼

X  

E28F002BVT60 Datasheet(PDF) 39 Page - Intel Corporation

Part # E28F002BVT60
Description  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F002BVT60 Datasheet(HTML) 39 Page - Intel Corporation

Back Button E28F002BVT60 Datasheet HTML 35Page - Intel Corporation E28F002BVT60 Datasheet HTML 36Page - Intel Corporation E28F002BVT60 Datasheet HTML 37Page - Intel Corporation E28F002BVT60 Datasheet HTML 38Page - Intel Corporation E28F002BVT60 Datasheet HTML 39Page - Intel Corporation E28F002BVT60 Datasheet HTML 40Page - Intel Corporation E28F002BVT60 Datasheet HTML 41Page - Intel Corporation E28F002BVT60 Datasheet HTML 42Page - Intel Corporation E28F002BVT60 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
E
2-MBIT SmartVoltage BOOT BLOCK FAMILY
39
SEE NEW DESIGN RECOMMENDATIONS
NOTES:
1. Read timing characteristics during program and erase operations are the same as during read-only operations. Refer to
AC
Characteristics during read mode.
2. The on-chip WSM completely automates program/erase operations; program/erase algorithms are now controlled internally
which includes verify and margining operations.
3. Refer to command definition table for valid A
IN. (Table 7)
4. Refer to command definition table for valid D
IN. (Table 7)
5. Program/erase durations are measured to valid SRD data (successful operation, SR.7 = 1).
6. For boot block program/erase, RP# should be held at V
HH or WP# should be held at VIH until operation completes
successfully.
7. Time t
PHBR is required for successful locking of the boot block.
8. Sampled, but not 100% tested.
9. See
Test Configuration (Figure 14), 3.3 V Standard Test component values.
10. See
Test Configuration (Figure 14), 5 V High-Speed Test component values.
11. See
Test Configuration (Figure 14), 5 V Standard Test component values.
ADDRESSES (A)
CE# (E)
OE# (G)
WE# (W)
DATA (D/Q)
RP# (P)
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
HH
V
6.5V
IL
V
IL
V
IN
D
IN
A
IN
A
WHEH
t
WHWL
t
Valid
SRD
IN
D
WHQV1,2,3,4
t
PHHWH
t
IH
V
PHWL
t
High Z
WHDX
t
IH
V
IL
V
V
(V)
PP
12
3
4
6
5
PPH
V
PPLK
V
PPH
V1
2
WP#
IL
V
IH
V
AVAV
t
AVWH
t
WHAX
t
DVWH
t
WLWH
t
QVPH
t
QVVL
t
VPWH
t
IN
D
ELWL
t
NOTES:
1. VCC Power-Up and Standby.
2. Write program or Erase Set-Up Command.
3. Write Valid Address and Data (Program) or Erase Confirm Command.
4. Automated Program or Erase Delay.
5. Read Status Register Data.
6. Write Read Array Command.
0530_17
Figure 17. AC Waveforms for Write Operations (WE#–Controlled Writes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com