Electronic Components Datasheet Search
  English  ▼

X  

E28F002BVT80 Datasheet(PDF) 29 Page - Intel Corporation

Part # E28F002BVT80
Description  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F002BVT80 Datasheet(HTML) 29 Page - Intel Corporation

Back Button E28F002BVT80 Datasheet HTML 25Page - Intel Corporation E28F002BVT80 Datasheet HTML 26Page - Intel Corporation E28F002BVT80 Datasheet HTML 27Page - Intel Corporation E28F002BVT80 Datasheet HTML 28Page - Intel Corporation E28F002BVT80 Datasheet HTML 29Page - Intel Corporation E28F002BVT80 Datasheet HTML 30Page - Intel Corporation E28F002BVT80 Datasheet HTML 31Page - Intel Corporation E28F002BVT80 Datasheet HTML 32Page - Intel Corporation E28F002BVT80 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
E
2-MBIT SmartVoltage BOOT BLOCK FAMILY
29
SEE NEW DESIGN RECOMMENDATIONS
4.2.1
APPLYING VCC VOLTAGES
When applying VCC voltage to the device, a delay
may be required before initiating device operation,
depending on the VCC ramp rate. If VCC ramps
slower than 1V/100 µs (0.01 V/µs) then no delay is
required. If VCC ramps faster than 1V/100 µs (0.01
V/µs), then a delay of 2 µs is required before
initiating
device
operation.
RP#
=
GND
is
recommended during power-up to protect against
spurious write signals when VCC is between VLKO
and VCCMIN.
VCC Ramp Rate
Required Timing
≤ 1V/100 µs
No delay required.
> 1V/100
µs
A delay time of 2
µs is required before any device operation is initiated, including read
operations, command writes, program operations, and erase operations. This delay is
measured beginning from the time VCC reaches VCCMIN (3.0 V for 3.3
± 0.3 V operation;
and 4.5 V for 5 V operation).
NOTES:
1.
These requirements must be strictly followed to guarantee all other read and write specifications.
2.
To switch between 3.3 V and 5 V operation, the system should first transition VCC from the existing voltage range to GND,
and then to the new voltage. Any time the VCC supply drops below VCCMIN, the chip may be reset, aborting any operations
pending or in progress.
3.
These guidelines must be followed for any VCC transition from GND.
4.3
Capacitance
TA = 25 °C, f = 1 MHz
Symbol
Parameter
Note
Typ
Max
Unit
Conditions
CIN
Input Capacitance
1
6
8
pF
VIN = 0 V
COUT
Output Capacitance
1, 2
10
12
pF
VOUT = 0 V
NOTES:
1. Sampled, not 100% tested.
2. For the 28F002B, address pin A10 follows the COUT capacitance numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com