Electronic Components Datasheet Search
  English  ▼

X  

AD5232 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory, Dual 256-Position Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5232_15 Datasheet HTML 9Page - Analog Devices AD5232_15 Datasheet HTML 10Page - Analog Devices AD5232_15 Datasheet HTML 11Page - Analog Devices AD5232_15 Datasheet HTML 12Page - Analog Devices AD5232_15 Datasheet HTML 13Page - Analog Devices AD5232_15 Datasheet HTML 14Page - Analog Devices AD5232_15 Datasheet HTML 15Page - Analog Devices AD5232_15 Datasheet HTML 16Page - Analog Devices AD5232_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5232
Rev. C | Page 13 of 24
DUT
W
B
NC
NC
GND
A
NC = NO CONNECT
ICM
VCM
VSS
VDD
Figure 30. Common-Mode Leakage Current
A1
RDAC1
RDAC2
W1
NC
B1
A2
W2
B2
CTA = 20 LOG [VOUT/VIN]
NC = NO CONNECT
VIN
VOUT
VSS
VDD
Figure 31. Analog Crosstalk
200µA
IOL
200µA
IOH
VOH (MIN)
OR
VOL (MAX)
TO OUTPUT
PIN
CL
50pF
NOTES
1. THE DIODE BRIDGE TEST CIRCUIT IS EQUIVALENT TO
THE APPLICATION CIRCUIT WITH RPULL-UP OF 2.2kΩ.
Figure 32. Load Circuit for Measuring VOH and VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com