Electronic Components Datasheet Search
  English  ▼

X  

S80296SA Datasheet(PDF) 20 Page - Intel Corporation

Part # S80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA Datasheet(HTML) 20 Page - Intel Corporation

Back Button S80296SA Datasheet HTML 16Page - Intel Corporation S80296SA Datasheet HTML 17Page - Intel Corporation S80296SA Datasheet HTML 18Page - Intel Corporation S80296SA Datasheet HTML 19Page - Intel Corporation S80296SA Datasheet HTML 20Page - Intel Corporation S80296SA Datasheet HTML 21Page - Intel Corporation S80296SA Datasheet HTML 22Page - Intel Corporation S80296SA Datasheet HTML 23Page - Intel Corporation S80296SA Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
16
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
V
OH
2
Output High Voltage on XTAL2
V
CC – 0.3
V
CC – 0.7
V
CC – 1.5
V
V
V
I
OH = –100 µA
I
OH = –700 µA
I
OH = –3 mA
V
OH
3
Output High Voltage on
READY in Reset
V
CC –1.1
V
V
TH
+ –
V
TH
–
Hysteresis voltage width on
RESET# pin
0.3
V
C
S
Pin Capacitance (any pin to
V
SS) (Note 6)
10
pF
R
RST
Reset Pull-up Resistor
50
150
k
Ω
V
CC = 5.5 V,
V
IN = 4.0 V
Table 6. DC Characteristics Over Specified Operating Conditions (Continued)
Symbol
Parameter
Min
Typical
(Note 1)
Max
Units
Test
Conditions
NOTES:
1.
Typical values are based on a limited number of samples and are not guaranteed. The values listed
are at room temperature with V
CC = 5.0 V.
2.
For temperatures below 100°C, typical is 10 µA.
3.
For all pins except P4.3:0, which have higher drive capability (see V
OL1).
4.
During normal (non-transient) conditions, the following maximum current limits apply for pin groups
and individual pins:
Group
I
OL (mA)
I
OH (mA)
Individual
I
OL (mA)
I
OH (mA)
P1.7:3, P4
40
40
P1, P2, P3
10
10
P2
40
40
P4
18
10
P1.2:0, P3
40
40
5.
For all pins that were weakly pulled high during reset. This excludes ALE, INST, and NMI, which were
weakly pulled low (see V
OL2) and ONCE, which was pulled medium low (see VOL3).
6.
Pin capacitance is not tested. This value is based on design simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com