Electronic Components Datasheet Search
  English  ▼

X  

8088-2 Datasheet(PDF) 2 Page - Intel Corporation

Part # 8088-2
Description  8-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8088-2 Datasheet(HTML) 2 Page - Intel Corporation

  8088-2 Datasheet HTML 1Page - Intel Corporation 8088-2 Datasheet HTML 2Page - Intel Corporation 8088-2 Datasheet HTML 3Page - Intel Corporation 8088-2 Datasheet HTML 4Page - Intel Corporation 8088-2 Datasheet HTML 5Page - Intel Corporation 8088-2 Datasheet HTML 6Page - Intel Corporation 8088-2 Datasheet HTML 7Page - Intel Corporation 8088-2 Datasheet HTML 8Page - Intel Corporation 8088-2 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
8088
Table 1 Pin Description
The following pin function descriptions are for 8088 systems in either minimum or maximum mode The ‘‘local
bus’’ in these descriptions is the direct multiplexed bus interface connection to the 8088 (without regard to
additional bus buffers)
Symbol
Pin No
Type
Name and Function
AD7 – AD0
9 – 16
IO
ADDRESS DATA BUS
These lines constitute the time multiplexed
memoryIO address (T1) and data (T2 T3 Tw T4) bus These lines are
active HIGH and float to 3-state OFF during interrupt acknowledge and
local bus ‘‘hold acknowledge’’
A15–A8
2–8 39
O
ADDRESS BUS
These lines provide address bits 8 through 15 for the
entire bus cycle (T1 – T4) These lines do not have to be latched by ALE
to remain valid A15 – A8 are active HIGH and float to 3-state OFF
during interrupt acknowledge and local bus ‘‘hold acknowledge’’
A17S4 A16S3
A19S6 A18S5
35 – 38
O
ADDRESSSTATUS
During T1 these are the four most significant
address lines for memory operations During IO operations these lines
are LOW During memory and IO operations status information is
available on these lines during T2 T3 Tw and T4 S6 is always low
The status of the interrupt enable flag bit (S5) is updated at the
beginning of each clock cycle S4 and S3 are encoded as shown
This information indicates which segment register is presently being
used for data accessing
These lines float to 3-state OFF during local bus ‘‘hold acknowledge’’
S4
S3
Characteristics
0 (LOW)
0
Alternate Data
0
1
Stack
1 (HIGH)
0
Code or None
1
1
Data
S6 is 0 (LOW)
RD
32
O
READ
Read strobe indicates that the processor is performing a
memory or IO read cycle depending on the state of the IOM pin or
S2 This signal is used to read devices which reside on the 8088 local
bus RD is active LOW during T2 T3 and Tw of any read cycle and is
guaranteed to remain HIGH in T2 until the 8088 local bus has floated
This signal floats to 3-state OFF in ‘‘hold acknowledge’’
READY
22
I
READY
is the acknowledgement from the addressed memory or IO
device that it will complete the data transfer The RDY signal from
memory or IO is synchronized by the 8284 clock generator to form
READY This signal is active HIGH The 8088 READY input is not
synchronized Correct operation is not guaranteed if the set up and hold
times are not met
INTR
18
I
INTERRUPT REQUEST
is a level triggered input which is sampled
during the last clock cycle of each instruction to determine if the
processor should enter into an interrupt acknowledge operation A
subroutine is vectored to via an interrupt vector lookup table located in
system memory It can be internally masked by software resetting the
interrupt enable bit INTR is internally synchronized This signal is active
HIGH
TEST
23
I
TEST
input is examined by the ‘‘wait for test’’ instruction If the TEST
input is LOW execution continues otherwise the processor waits in an
‘‘idle’’ state This input is synchronized internally during each clock
cycle on the leading edge of CLK
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com