Electronic Components Datasheet Search
  English  ▼

X  

SD12-PC Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # SD12-PC
Description  12 and 14 Pin Heavy Duty Sockets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

SD12-PC Datasheet(HTML) 1 Page - Vaishali Semiconductor

  SD12-PC Datasheet HTML 1Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Custom Connector Corporation • 1738 E. 30th, Cleveland, OH 44114 • 216/241-1679 • Fax 216/241-5529
E-mail: sales@customconnector.com • Web: www.customconnector.com
SD SERIES
RELAY SOCKETS
CUSTOM CONNECTOR
DESCRIPTION
12 and 14 Pin Heavy Duty Sockets
ELECTRICAL RATING
• SD12-PC - 600 Volts, 10 Amps
• SD14-PC - 300 Volts, 10 Amps
CONSTRUCTION
Contacts
• Brass, Nickel Plated
Screws
• Pressure Clamp, 6 - 32 x 5/16” Steel,
Zinc plated, Wire Range #12 - #22
Solid or Stranded
Molding
• Break Resistant Thermoplastic
AGENCY APPROVALS
• UL recognized, File No. E60008
• CSA certified, File No. LR29513
ORDERING CODE
PART NO.
DESCRIPTION
TERMINAL TYPE
SD12-PC
12 Pin (Fig. 1)
Pressure Clamp Screws
SD14-PC
14 Pin (Fig. 2)
Pressure Clamp Screws
®
®
24
1.678[42.62]
2.606[66.19]
.464[11.79]
1.223[31.06]
.182[4.62] THRU WITH
.340[8.64]
COUNTERBORE x
.400[10.07] DEEP.}
.857[21.77]
2.211[56.16]
.306[7.77]
.110[2.79]
CUSTOM
CONNECTOR
SD12-PC
.664[16.87]
Fig. 1
TYP.
12
3
4
5
6
CUSTOM
CONNECTOR
CORP.
PART NO.SD14
7
.173 [4.39] DIA. THRU, .343 [8.71] DIA.
COUNTERBORE TO .385 [9.78] DEEP.
2.316 [58.83]
.875 [22.23]
.312 [7.92]
3.093 [78.56]
.904[22.96]
2.592[65.84]
1.158[29.41]
Fig. 2


Similar Part No. - SD12-PC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SD12-PC LITTELFUSE-SD12-PC Datasheet
210Kb / 1P
SOCKETS
2016
logo
Macromatic Industrial C...
SD12-PC MACROMATIC-SD12-PC Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results

Similar Description - SD12-PC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130155-0183 MOLEX11-130155-0183 Datasheet
34Kb / 1P
Woodhead Heavy Duty, Molded Multi-Pin Receptacle
logo
PHOENIX CONTACT
1200100 PHOENIX-1200100 Datasheet
74Kb / 3P
Rugged and heavy-duty tool bags
logo
Belden Inc.
FS1H0126G BELDEN-FS1H0126G Datasheet
150Kb / 2P
Outdoor Heavy Duty Loose Tube OM1 12 Fibers
11-09-2022
FS1H012NG BELDEN-FS1H012NG Datasheet
141Kb / 2P
Outdoor Heavy Duty Loose Tube OM1 12 Fibers
11-09-2022
FS2H0126F BELDEN-FS2H0126F Datasheet
153Kb / 2P
Outdoor Heavy Duty Loose Tube OM2 12 Fibers
11-09-2022
FS2H0126G BELDEN-FS2H0126G Datasheet
150Kb / 2P
Outdoor Heavy Duty Loose Tube OM2 12 Fibers
11-09-2022
FS2H012NG BELDEN-FS2H012NG Datasheet
150Kb / 2P
Outdoor Heavy Duty Loose Tube OM2 12 Fibers
11-09-2022
FS3H0126F BELDEN-FS3H0126F Datasheet
153Kb / 2P
Outdoor Heavy Duty Loose Tube OM3 12 Fibers
11-09-2022
FS3H0126G BELDEN-FS3H0126G Datasheet
150Kb / 2P
Outdoor Heavy Duty Loose Tube OM3 12 Fibers
11-09-2022
FS3H012NG BELDEN-FS3H012NG Datasheet
150Kb / 2P
Outdoor Heavy Duty Loose Tube OM3 12 Fibers
11-09-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com