Electronic Components Datasheet Search
  English  ▼

X  

TDA2030AV Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # TDA2030AV
Description  14W Hi-Fi AUDIO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2030AV Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  TDA2030AV Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2030AV Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2030AV Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2030AV Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2030AV Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2030AV Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TDA2030
APPLICATION CIRCUIT
1. Ty pical amplifier with split power supply
C1
1.0uF
R2
680
C2
22uF
R1
22K
R3
22K
C5
100uF
C3
D2
1N4001
D1
1N4001
R4
1
C7
220nF
Vi
+Vs
R
1
2
3
5
4
L
2030
C4
C6
-Vs
R5 C8
2. Ty pical amplifier with single power supply
C1
1.0uF
R2
4.7K
C2
2uF
R1
150K
R3
100K
Ra
100K
C5
100uF
C3
Rb
100K
Cb
D2
1N4001
D1
1N4001
2000uF
R4
1
C7
220nF
Vi
+Vs
R
1
2
3
5
4
L
2030
22K
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com