Electronic Components Datasheet Search
  English  ▼

X  

HFD23 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD23
Description  SUBMINIATURE SIGNAL RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD23 Datasheet(HTML) 1 Page - Hongfa Technology

  HFD23 Datasheet HTML 1Page - Hongfa Technology HFD23 Datasheet HTML 2Page - Hongfa Technology HFD23 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T`indodq`A Ckkmjs5 8<7hXB
To\i_\m_A Ckkmjs5 977hX
Hdg` Oj5AG8::;?8
Hdg` Oj5AERE7@7797:<7>7
Fd`g`^omd^
nom`iboc
JPOIHC SGMCZ
Ejdg kjr`m
1EBOPMEN
KTP@7783 KTP6UT8=@;@ 3 KTP8;7783 PJTCT8?7783 KGER RE 7?7777 EGSUKHKGF
978; S`q5 8579
7KOEN+ 81 Xc`i pn`m/n m`lpdm`h`ion ^\i/o ]` ajpi_ di oc` \]jq` o\]g`3
nk`^d\g jm_`m \ggjr`_5
91 Ki ^\n` <W ja om\indnojm _mdq` ^dm^pdo3 do dn m`^jhh`i_`_ oj pn`
;5<W otk` m`g\t3 \i_ :W oj pn` 95;W otk` m`g\t5
Tcj^f
m`ndno\i^`
31/ ~ *
85<
:
<
=
@
89
9;
8597
95;7
;577
;5?7
>597
@5=7
8@597
758<
75:7
75<7
75=7
75@7
8597
95;7
959<
;5<
>5<
@57
8:5<
8?57
:=57
85<
:
<
=
@
89
9;
8597
;577
;5?7
>597
@5=7
8@597
758<
75:7
75<7
75=7
75@7
8597
95;7
Ejio\^o \mm\ib`h`io
Ejio\^o m`ndno\i^`
Ejio\^o h\o`md\g
Kinpg\odji m`ndno\i^`
D`or``i ^jdg . ^jio\^on
D`or``i jk`i ^jio\^on
Pk`m\o` odh` 0\o ijhd5 qjgo51
S`g`\n` odh` 0\o ijhd5 qjgo51
U`hk`m\opm` mdn` 0\o ijhd5qjgo51
Wd]m\odji m`ndno\i^`
Hpi^odji\g
F`nomp^odq`
Jphd_dot
Ch]d`io o`hk`m\opm`
Vido r`dbco
U`mhdi\odji
Ejinomp^odji
;=-6474,<=:0 ;427,5 :05,@
.87<,.< /,<,
.3,:,.<0:4;<4.;
.845
Ojhdi\g
Wjgo\b`
WFE
Qd^f4pk
Wjgo\b`
WFE
h\s5
Fmjk4jpo
Wjgo\b`
WFE
hdi5
.845 /,<,
;OBJDBMD OSLE
;EJNGOGQE OSLE
Ojhdi\g
Wjgo\b`
WFE
N`^c\id^\g `i_pm\i^`
Gg`^omd^\g `i_pm\i^` 91
8 s 87
>
PQT
X N\s59C nrdo^cdib ^\k\]dgdot
X Jdbc n`indodq`A 8<7hX
X 8 Hjmh E ^jiadbpm\odji
X Qg\nod^ n`\g`_ otk` \q\dg\]g`
X Giqdmjih`io\g amd`i_gt kmj_p^o 0SjJT ^jhkgd\io1
X Ppogdi` Fdh`indjinA 0895< s >5< s 87571 hh
8C
8E
CbOd 2Cp kg\o`_
885: s 08 87-1
;< s 08 87-1
89< s 08 87-1
8?7 s 08 87-1
;7< s 08 87-1
>97 s 08 87-1
9??7 s 08 8<-1
8< s 08 87-1
=7 s 08 87-1
8=> s 08 87-1
9;7 s 08 87-1
<;7 s 08 87-1
@=7 s 08 87-1
:?;7 s 08 8<-1
8777N
0\o <77WFE1
8777WCE 8hdi
;77WCE 8hdi
<hn h\s5
<hn h\s5
=<L h\s5
87Ju oj <<Ju :5:hh FC
@?h6n
9
@?7h6n
9
<- oj ?<- SJ
4:7
oj >7
Ckkmjs5 959b
QED 0FKQ1
Qg\nod^ n`\g`_
Ejdg
S`ndno\i^`
Ejdg
S`ndno\i^`
;,10<@ ,99:8>,5 :,<472;
=5|.=5
8[ otk`A 857C :7WFE
75:C =7WFE
75<C 89<WCE
\o 9:
N\s5
Wjgo\b`
WFE
959<
;5<
>5<
@57
8:5<
8?57
:=57
:9
Qd^f4pk
Wjgo\b`
WFE
h\s5
Fmjk4jpo
Wjgo\b`
WFE
hdi5
N\s5
Wjgo\b`
WFE
Ejio\^o m\odib
0S`n5 gj\_1
N\s5 nrdo^cdib qjgo\b`
N\s5 nrdo^cdib ^pmm`io
N\s5 nrdo^cdib kjr`m
Ndi5 \kkgd^\]g` gj\_ 81
89<WCE 6 =7WFE
;C
9C
=95<WC 6 :7X
8hC <W
8C89<WCEV9C :7WFE 75<C89<WCEV8C :7WFE
95;
85@7
759;
:?5; s 08 87-1
:5=
;5<
:5=7
75;<
8:< s 08 87-1
<5><
:5<
:5=7
75;<
<5><
8785: s 08 87-1
95;
85@9
759;
:5=
9?5? s 08 87-1
8J otk`A 8C :7WFE
9C :7WFE
8C 89<WCE
95;7
7KOEN+ 81 Uc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
91 VM dinpg\odji ntno`hA Eg\nn C
7KOEN+ 81 Cgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`5
91 Pigt otkd^\g gj\_n \m` gdno`_ \]jq`5 Poc`m gj\_ nk`^dad^\odjin
^\i ]` \q\dg\]g` pkji m`lp`no5
877h
h\s5 0\o 87hC :7hWFE1
@ s 87
;
PQT
08JA8C 89<WCEB 8[A75<C 89<WCE3
S`ndnodq` gj\_53 Sjjh o`hk53 8n ji @n jaa1
7KOEN+ 81 Ndi5 \kkgd^\]g` gj\_ dn m`a`m`i^` q\gp`5 Qg`\n` k`majmh oc`
^jiadmh\odji o`no rdoc oc` \^op\g gj\_ ]`ajm` kmj_p^odji ndi^`
m`a`m`i^` q\gp` h\t ^c\ib` \^^jm_dib oj nrdo^cdib am`lp`i^d`n3
`iqdmjih`io\g ^ji_dodjin \i_ `sk`^o`_ ^jio\^o m`ndno\i^` \i_
m`gd\]dgdot5
91 Gg`^omd^ `i_pm\i^` _\o\ \m` ^jgg`^o`_ di oc` OP jm OE ^jio\^o o`noU


Similar Part No. - HFD23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFD23 ETC2-HFD23 Datasheet
54Kb / 2P
SUBMINIATURE SIGNAL RELAY
HFD23/01.5-1ZP ETC2-HFD23/01.5-1ZP Datasheet
54Kb / 2P
SUBMINIATURE SIGNAL RELAY
HFD23/01.5-1ZS ETC2-HFD23/01.5-1ZS Datasheet
54Kb / 2P
SUBMINIATURE SIGNAL RELAY
logo
Hongfa Technology
HFD23/012-1Z-S HONGFA-HFD23/012-1Z-S Datasheet
60Kb / 3P
Max. 4A switching capability
logo
List of Unclassifed Man...
HFD23/03-1ZP ETC2-HFD23/03-1ZP Datasheet
54Kb / 2P
SUBMINIATURE SIGNAL RELAY
More results

Similar Description - HFD23

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS SANYOU-SYS Datasheet
183Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com