Electronic Components Datasheet Search
  English  ▼

X  

MCS1040 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # MCS1040
Description  SMD MOLDED HIGH CURRENT POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

MCS1040 Datasheet(HTML) 1 Page - Frontier Electronics.

  MCS1040 Datasheet HTML 1Page - Frontier Electronics. MCS1040 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCS1040 Series – SMD MOLDED HIGH CURRENT POWER INDUCTORS
(SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
L
(uH)
Tol.
Mark
Test Freq.
(KHz)
DCR Typ.
(m
Ω)
DCR Max.
(m
Ω)
I sat. Typ.
(A)
I rated Typ.
(A)
MCS1040-R36MN1
0.36
M
R36
100
1.10
1.20
40.0
34.0
MCS1040-R47MN1
0.47
M
R47
100
1.30
1.55
35.0
25.0
MCS1040-R56MN1
0.56
M
R56
100
1.60
1.80
32.0
25.0
MCS1040-R68MN1
0.68
M
R68
100
2.40
2.70
30.0
22.0
MCS1040-R88MN1
0.88
M
R88
100
2.70
3.00
30.0
20.0
MCS1040-1R0MN1
1.00
M
1R0
100
3.00
3.30
28.0
18.0
MCS1040-1R5MN1
1.50
M
1R5
100
3.80
4.20
21.0
16.0
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
MCS1040
10
(0.394)
11.15
(0.439)
4.0
(0.157)
3.0
(0.118)
2.0
(0.079)
5.4
(0.213)
4.05
(0.159)
4.4
(0.173)
Tol.
±0.3
(0.012)
±0.35
(0.014)
Max.
±0.5
(0.020)
±.5
(0.020)
Typ.
Typ.
Typ.
Foot Print
C. General Information:
1. MCS1040-xxx_N1, “MCS1040” = P/N, “xxx” = Inductance, “_” = Tolerance: M: ± 20%, “N1” = Internal control code.
2. Tolerance “_”: M: ± 20%, N: ± 30%
3. Magnetically shielded
4. High saturation current
5. Test Freq.: 100KHz, 0.5V
6. Operating temperature: -55
°C to +125ºC
7. All test data is referenced to 25ºC ambient.
8.
Rated current (A) that will cause an approximate ∆T of 40ºC.
9. I sat (A) that will cause Lo to drop approximately 20%.
10. The part temperature (ambient + self temp. rise) should not exceed 125ºC under worst case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow and other cooling provisions all affect the part temperature which
should be verified in the end applications.
11. Test Instrument: Chroma16502, Chroma11300.
12. Inductance and Current Range: From 0.36 uH (34 A) to 1.5 uH (16 A)
13. Unspecified values available on request.
14. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - MCS1040

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
MCS11 PADAUK-MCS11 Datasheet
1Mb / 108P
Field Programmable Processor Array
logo
Multicomp Pro
MCS11F MULTICOMP-MCS11F Datasheet
158Kb / 2P
Compact Relay Bases UL 94-V0 Rated Nylon
09/06/12 V1.1
MCS11P MULTICOMP-MCS11P Datasheet
158Kb / 2P
Compact Relay Bases UL 94-V0 Rated Nylon
09/06/12 V1.1
logo
Copal Electronics
MCS121D COPAL-MCS121D Datasheet
666Kb / 9P
Sub-miniature Slide Switches
MCS121DD COPAL-MCS121DD Datasheet
666Kb / 9P
Sub-miniature Slide Switches
More results

Similar Description - MCS1040

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1210H ABRACON-AISM-1210H Datasheet
276Kb / 1P
SMD MOLDED HIGH CURRENT CHIP INDUCTORS
logo
Superworld Electronics
L812HW SUPERWORLD-L812HW Datasheet
576Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L813PW SUPERWORLD-L813PW Datasheet
500Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L817PW SUPERWORLD-L817PW Datasheet
371Kb / 9P
HIGH CURRENT MOLDED POWER INDUCTORS
L825HW SUPERWORLD-L825HW Datasheet
303Kb / 7P
HIGH CURRENT MOLDED POWER INDUCTORS
logo
Central Technologies
CTIHSM5832F CT-CTIHSM5832F Datasheet
170Kb / 1P
Power Inductors - Molded High Current
logo
Superworld Electronics
L810HW SUPERWORLD-L810HW_10 Datasheet
537Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L811HW SUPERWORLD-L811HW_10 Datasheet
586Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
logo
Frontier Electronics.
MCS0420 FRONTIER-MCS0420 Datasheet
245Kb / 2P
SMD MOLDED HIGH CURRENT POWER INDUCTORS (SHIELDED)
MCS0630 FRONTIER-MCS0630 Datasheet
242Kb / 2P
SMD MOLDED HIGH CURRENT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com