Electronic Components Datasheet Search
  English  ▼

X  

80C186EB Datasheet(PDF) 1 Page - Intel Corporation

Part # 80C186EB
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB Datasheet(HTML) 1 Page - Intel Corporation

  80C186EB Datasheet HTML 1Page - Intel Corporation 80C186EB Datasheet HTML 2Page - Intel Corporation 80C186EB Datasheet HTML 3Page - Intel Corporation 80C186EB Datasheet HTML 4Page - Intel Corporation 80C186EB Datasheet HTML 5Page - Intel Corporation 80C186EB Datasheet HTML 6Page - Intel Corporation 80C186EB Datasheet HTML 7Page - Intel Corporation 80C186EB Datasheet HTML 8Page - Intel Corporation 80C186EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
October 1995
COPYRIGHT
INTEL CORPORATION 1995
Order Number 272433-004
80C186EB80C188EB AND 80L186EB80L188EB
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
X Full Static Operation
X True CMOS Inputs and Outputs
Y
Integrated Feature Set
Low-Power Static CPU Core
Two Independent UARTs each with
an Integral Baud Rate Generator
Two 8-Bit Multiplexed IO Ports
Programmable Interrupt Controller
Three Programmable 16-Bit
TimerCounters
Clock Generator
Ten Programmable Chip Selects with
Integral Wait-State Generator
Memory Refresh Control Unit
System Level Testing Support (ONCE
Mode)
Y
Direct Addressing Capability to 1 Mbyte
Memory and 64 Kbyte IO
Y
Speed Versions Available (5V)
25 MHz (80C186EB2580C188EB25)
20 MHz (80C186EB2080C188EB20)
13 MHz (80C186EB1380C188EB13)
Y
Available in Extended Temperature
Range (b40 Cto a85 C)
Y
Speed Versions Available (3V)
16 MHz (80L186EB1680L188EB16)
13 MHz (80L186EB1380L188EB13)
8 MHz (80L186EB880L188EB8)
Y
Low-Power Operating Modes
Idle Mode Freezes CPU Clocks but
keeps Peripherals Active
Powerdown Mode Freezes All
Internal Clocks
Y
Supports 80C187 Numeric Coprocessor
Interface (80C186EB PLCC Only)
Y
Available In
80-Pin Quad Flat Pack (QFP)
84-Pin Plastic Leaded Chip Carrier
(PLCC)
80-Pin Shrink Quad Flat Pack (SQFP)
The 80C186EB is a second generation CHMOS High-Integration microprocessor It has features that are new
to the 80C186 family and include a STATIC CPU core an enhanced Chip Select decode unit two independent
Serial Channels IO ports and the capability of Idle or Powerdown low power modes
272433 – 1
1


Similar Part No. - 80C186EB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EB INTEL-80C186EB Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - 80C186EB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com