Electronic Components Datasheet Search
  English  ▼

X  

A80960HT60 Datasheet(PDF) 72 Page - Intel Corporation

Part # A80960HT60
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

A80960HT60 Datasheet(HTML) 72 Page - Intel Corporation

Back Button A80960HT60 Datasheet HTML 68Page - Intel Corporation A80960HT60 Datasheet HTML 69Page - Intel Corporation A80960HT60 Datasheet HTML 70Page - Intel Corporation A80960HT60 Datasheet HTML 71Page - Intel Corporation A80960HT60 Datasheet HTML 72Page - Intel Corporation A80960HT60 Datasheet HTML 73Page - Intel Corporation A80960HT60 Datasheet HTML 74Page - Intel Corporation A80960HT60 Datasheet HTML 75Page - Intel Corporation A80960HT60 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
80960HA/HD/HT
66
Advance Information Datasheet
The processor can stall (BSTALL asserted) even with an empty bus queue (BREQ deasserted).
Depending on the instruction stream and memory wait states, the two signals can be separated by
several CLKIN cycles.
Bus arbitration logic that logically “ANDs” BSTALL and BREQ will not correctly grant the bus to
the processor in all stall cases, potentially degrading processor performance.
Do not logically “AND” BSTALL and BREQ together in arbitration logic. Instead, the simplest
bus arbitration should logically “OR” BSTALL and BREQ to determine the processor’s bus
ownership requirements.
More sophisticated arbitration should recognize the priority nature of these two signals. Using a
traffic light analogy, BREQ is a “yellow light” warning of a possible processor stall and BSTALL
is a “red light” indicating a stall in progress.
Figure 49. BREQ and BSTALL Operation
CLKIN
ADS
BLAST
BREQ
BSTALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com