Electronic Components Datasheet Search
  English  ▼

X  

80C31BH Datasheet(PDF) 13 Page - Intel Corporation

Part # 80C31BH
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C31BH Datasheet(HTML) 13 Page - Intel Corporation

Back Button 80C31BH Datasheet HTML 8Page - Intel Corporation 80C31BH Datasheet HTML 9Page - Intel Corporation 80C31BH Datasheet HTML 10Page - Intel Corporation 80C31BH Datasheet HTML 11Page - Intel Corporation 80C31BH Datasheet HTML 12Page - Intel Corporation 80C31BH Datasheet HTML 13Page - Intel Corporation 80C31BH Datasheet HTML 14Page - Intel Corporation 80C31BH Datasheet HTML 15Page - Intel Corporation 80C31BH Datasheet HTML 16Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AUTOMOTIVE 80C31BH80C51BH87C51
EPROM CHARACTERISTICS
(EPROM Only)
The 87C51 is programmed by a modified Quick-
Pulse Programming algorithm It differs from older
methods in the value used for VPP (Programming
Supply Voltage) and in the width and number of the
ALEPROG pulses
The 87C51 contains two signature bytes that can be
read and used by an EPROM programming system
to identify the device The signature bytes identify
the device as an 87C51 manufactured by Intel
Table 3 shows the logic levels for reading the signa-
ture byte and for programming the Program Memo-
ry the Encryption Table and the Lock Bits The cir-
cuit configuration and waveforms for Quick-Pulse
Programming are shown in Figures 11 and 12 Fig-
ure 13 shows the circuit configuration for normal
Program Memory verification
Table 3 EPROM Programming Modes
MODE
RST
PSEN
ALE
EA
P27
P26
P37
P36
PROG
VPP
Read Signature
1
0
1
1
0
0
0
0
Program Code Data
1
0
0
VPP
1011
Verify Code Data
1
0
1
1
0
0
1
1
Pgm Encryption Table
1
0
0
VPP
1010
Pgm Lock Bit 1
1
0
0
VPP
1111
Pgm Lock Bit 2
1
0
0
VPP
1100
NOTES
‘‘1’’ e Valid high for that pin
‘‘0’’ e Valid low for that pin
VPP e 1275V g 025V
VCC e 5V g20% during programming and verification
ALEPROG receives 25 programming pulses while VPP is held at 1275V Each programming pulse is low for 100 ms
(g10 ms) and high for a minimum of 10 ms
270419 – 19
Figure 11 Programming Configuration
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com